Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540CPX833LB Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC8540CPX833LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540CPX833LB Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC8540CPX833LB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8540CPX833LB Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
9
Electrical Characteristics
2.1.2 Power Sequencing
The MPC8540 requires its power rails to be applied in a specific sequence in order to ensure proper device
operation. These requirements are as follows for power up:
1. VDD, AVDD
2. GVDD, LVDD, OVDD (I/O supplies)
Items on the same line have no ordering requirement with respect to one another. Items on separate lines
must be ordered sequentially such that voltage rails on a previous step must reach 90 percent of their value
before the voltage rails on the current step reach 10 percent of theirs.
NOTE
If the items on line 2 must precede items on line 1, please ensure that the
delay will not exceed 500 ms and the power sequence is not done greater
than once per day in production environment.
NOTE
From a system standpoint, if the I/O power supplies ramp prior to the VDD
core supply, the I/Os on the MPC8540 may drive a logic one or zero during
power-up.
2.1.3 Recommended Operating Conditions
Table 2 provides the recommended operating conditions for the MPC8540. Note that the values in Table 2
are the recommended and tested operating conditions. Proper device operation outside of these conditions
is not guaranteed.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Core supply voltage
For devices rated at 667 and 833 MHz
For devices rated at 1 GHz
VDD
1.2 V ± 60 mV
1.3 V ± 50 mV
V
PLL supply voltage
For devices rated at 667 and 833 MHz
For devices rated at 1 GHz
AVDD
1.2 V ± 60 mV
1.3 V ± 50 mV
V
DDR DRAM I/O voltage
GVDD
2.5 V ± 125 mV
V
Three-speed Ethernet I/O voltage
LVDD
3.3 V ± 165 mV
2.5 V ± 125 mV
V
PCI/PCI-X, local bus, RapidIO, 10/100 Ethernet, MII
management, DUART, system control and power management,
I2C, and JTAG I/O voltage
OVDD
3.3 V ± 165 mV
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com