Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540VT667LB Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MPC8540VT667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540VT667LB Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MPC8540VT667LB Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
34
Freescale Semiconductor
Ethernet: Three-Speed,10/100, MII Management
Figure 15 shows the MII receive AC timing diagram.
Figure 15. MII Receive AC Timing Diagram
8.4 Ethernet Management Interface Electrical Characteristics
The electrical characteristics specified here apply to MII management interface signals MDIO
(management data input/output) and MDC (management data clock). The electrical characteristics for
GMII, RGMII, TBI and RTBI are specified in Section 8.1, “Three-Speed Ethernet Controller (TSEC)
(10/100/1Gb Mbps)—GMII/MII/TBI/RGMII/RTBI Electrical Characteristics.”
8.4.1 MII Management DC Electrical Characteristics
The MDC and MDIO are defined to operate at a supply voltage of 3.3 V. The DC electrical characteristics
for MDIO and MDC are provided in Table 33.
Table 33. MII Management DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Supply voltage (3.3 V)
OVDD
3.13
3.47
V
Output high voltage
(OVDD = Min, IOH = –1.0 mA)
VOH
2.10
OVDD + 0.3
V
Output low voltage
(OVDD = Min, IOL = 1.0 mA)
VOL
GND
0.50
V
Input high voltage
VIH
1.70
—
V
Input low voltage
VIL
—0.90
V
Input high current
(OVDD = Max, VIN
1 = 2.1 V)
IIH
—40
μA
Input low current
(OVDD = Max, VIN = 0.5 V)
IIL
–600
—
μA
Note:
1.Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
RX_CLK
RXD[3:0]
tMRDXKH
tMRX
tMRXH
tMRXR
tMRXF
RX_DV
RX_ER
tMRDVKH
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com