Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8540VT667LB Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC8540VT667LB
Description  Integrated Processor Hardware Specifications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540VT667LB Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC8540VT667LB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8540VT667LB Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 104 page
background image
MPC8540 Integrated Processor Hardware Specifications, Rev. 4
50
Freescale Semiconductor
PCI/PCI-X
Figure 30 shows the AC timing diagram for the I2C bus.
Figure 30. I2C Bus AC Timing Diagram
12 PCI/PCI-X
This section describes the DC and AC electrical specifications for the PCI/PCI-X bus of the MPC8540.
12.1 PCI/PCI-X DC Electrical Characteristics
Table 41 provides the DC electrical characteristics for the PCI/PCI-X interface of the MPC8540.
Table 41. PCI/PCI-X DC Electrical Characteristics 1
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
(VIN
2 = 0 V or V
IN = VDD)
IIN
—±5
μA
High-level output voltage
(OVDD = min, IOH = –100 μA)
VOH
OVDD – 0.2
—
V
Low-level output voltage
(OVDD = min, IOL = 100 μA)
VOL
—0.2
V
Notes:
1.Ranges listed do not meet the full range of the DC specifications of the PCI 2.2 Local Bus Specifications.
2.Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Sr
S
SDA
SCL
tI2CF
tI2SXKL
tI2CL
tI2CH
tI2DXKL
tI2DVKH
tI2SXKL
tI2SVKH
tI2KHKL
tI2PVKH
tI2CR
tI2CF
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com