Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8270ZUI Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MPC8270ZUI
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270ZUI Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MPC8270ZUI Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
28
Freescale Semiconductor
Clock Configuration Modes
7.2 PCI Host Mode
Table 17 and Table 18 show clock configurations for PCI host mode. The frequencies listed are for the purpose of
illustration only. Users must select a mode and input bus frequency so that the resulting configuration does not
exceed the frequency rating of the user’s device. In addition, note the following:
NOTE: PCI_MODCK
In PCI mode only, PCI_MODCK comes from the LGPL5 pin and
MODCK_H[0–3] comes from {LGPL0, LGPL1, LGPL2, LGPL3}.
NOTE: Tval (Output Hold)
The minimum Tval = 2 ns when PCI_MODCK = 1, and the minimum Tval = 1 ns
when PCI_MODCK = 0. Therefore, designers should use clock configurations that
fit this condition to achieve PCI-compliant AC timing.
Table 17. Clock Configurations for PCI Host Mode (PCI_MODCK=0) 1, 2
Mode 3
Bus Clock 4
(MHz)
CPM
Multiplication
Factor 5
CPM Clock
(MHz)
CPU
Multiplication
Factor 6
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
Low
High
Low
High
Low
High
Low High
Default Modes (MODCK_H=0000)
0000_000
60.0
66.7
2
120.0 133.3
2.5
150.0 166.7
2
60.0 66.7
0000_001
50.0
66.7
2
100.0 133.3
3
150.0 200.0
2
50.0 66.7
0000_010
60.0
80.0
2.5
150.0 200.0
3
180.0 240.0
3
50.0 66.7
0000_011
60.0
80.0
2.5
150.0 200.0
3.5
210.0 280.0
3
50.0 66.7
0000_100
60.0
80.0
2.5
150.0 200.0
4
240.0 320.0
3
50.0 66.7
0000_101
50.0
66.7
3
150.0 200.0
3
150.0 200.0
3
50.0 66.7
0000_110
50.0
66.7
3.5
150.0 200.0
3.5
175.0 233.3
3
50.0 66.7
0000_111
50.0
66.7
3
150.0 200.0
4
200.0 266.6
3
50.0 66.7
Full Configuration Modes
0001_000
50.0
66.7
3
150.0 200.0
5
250.0 333.3
3
50.0 66.7
0001_001
50.0
66.7
3
150.0 200.0
6
300.0 400.0
3
50.0 66.7
0001_010
50.0
66.7
3
150.0 200.0
7
350.0 466.6
3
50.0 66.7
0001_011
50.0
66.7
3
150.0 200.0
8
400.0 533.3
3
50.0 66.7
0010_000
50.0
66.7
4
200.0 266.6
5
250.0 333.3
4
50.0 66.7
0010_001
50.0
66.7
4
200.0 266.6
6
300.0 400.0
4
50.0 66.7
0010_010
50.0
66.7
4
200.0 266.6
7
350.0 466.6
4
50.0 66.7
0010_011
50.0
66.7
4
200.0 266.6
8
400.0 533.3
4
50.0 66.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com