Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8270ZUI Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8270ZUI
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270ZUI Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8270ZUI Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8270ZUI Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
58
Freescale Semiconductor
Pinout
8.2 VR and ZQ Packages—MPC8275 and MPC8270
The following figures and table represent the alternate 516 PBGA package. For information on the standard package
for the MPC8280 and the MPC8270, refer to Section 8.1, “ZU Package—MPC8280 and MPC8270,” on page -43.
Figure 15 shows the pinout of the VR and ZQ packages as viewed from the top surface.
Figure 15. Pinout of the 516 PBGA Package (View from Top)
UT8
Indicates that a signal is part of the 8-bit UTOPIA interface.
UT16
Indicates that a signal is part of the 16-bit UTOPIA interface.
MII
Indicates that a signal is part of the media independent interface.
RMII
Indicates that a signal is part of the reduced media independent interface.
Table 22. Symbol Legend (continued)
Symbol
Meaning
1
2
3
4
5 6
7
8
910 11 121314 1516 17 18 19 20 21 22 23 24 25 26
Not to Scale
1
2
3
4
5 6
7
8
910 11 121314 1516 17 18 1920 21 22 232425 26
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com