Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34844 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
34844
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
A 6.98 k
resistor or higher value must be used at the ISET pin if the part is configured to use PIN+NIN control loop functionality. The
80 mA maximum current is achieved at the higher allowed level of PIN/NIN pins, ensuring the maximum current of the LED Drivers are
not exceeded.
The optical and temperature control loop can be disabled by the I2C setting bits (PINEN & NINEN), or by tying PIN and NIN pins high
(>2.2 V). The LED Driver maximum current is set to 80 mA by using a 3.48 k
 resistor at the ISET pin.
Current on LED Channel (PIN mode)
Eqn. 3
Current on LED Channel (NIN mode)
Eqn. 4
Current on LED Channel (PIN+NIN mode)
Eqn. 5
VPIN and VNIN is the voltage applied on PIN and NIN pins correspondingly.
For ISINK formula, refer to Equation 1.
LED FAILURE PROTECTION
Open LED Protection
If an LED fails open in any of the LED strings, the voltage on that channel is pulled close to zero, which causes the channel to be
disabled. As a result, the boost output voltage goes to the OVP level and comes down to the regulation level, to continue powering the
rest of the LED strings.
Short LED Protection
If an LED is shorted in any of the LED strings, the device continues to operate without interruption. However, if the shorted LED happens
to be in the LED string with the highest forward voltage, the DHC circuit automatically regulates the output voltage with respect to the new
highest LED voltage. If more LEDs are shorted in the same LED string, it may cause excessive power dissipation in the channel, which
may cause the OTT circuit to trip completely shutting down the device.
OVERTEMPERATURE PROTECTION
The 34844 has an on-chip temperature sensor measuring die temperature. If the IC temperature exceeds the OTT threshold, the IC
turns off all power sources inside the IC (LED drivers, boost and internal regulators) until the temperature falls below the falling OTT
threshold. Once the chip is back on, it operates with the default configuration (refer to Table 7).
SERIAL INTERFACE CONTROL
The 34844 uses an I2C interface capable of operating in standard (100 kHz) or fast (400 kHz) modes. The A0/SEN pin can be used as
an address select pin to allow more than two devices in the system. The A0/SEN pin should be held low on all chips except the one to be
addressed, where it is taken HIGH.
IDIM A

ISINK A
 VPIN V

2
------------------------
=
IDIM A

ISINK A

VSET VNIN
–
 V

2
----------------------------------------------------
=
IDIM A

ISINK A

VSET VPIN VNIN
–
+
 V

2
--------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com