Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34844 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34844
ELECTRICAL CHARACTERISTICS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
BOOST (CONTINUED)
VSLOPE
Slope compensation voltage ramp - RSLOPE = 68 k
-
0.49
-
V/
s
ACSA
Current Sense Amplifier Gain
-
9.0
-
RSENSE
Current Sense Resistor
-
22
-
m
GM
OTA Transconductance
-
200
-
S
ISS
Transconductance Sink and Source Current Capability
-
100
-
A
FAIL PIN
IFAIL_LEAK
Off-state Leakage Current - VFAIL = 5.5 V
-
-
50
A
VOL
On-state Voltage Drop - ISINK = 4.0 mA
-
-
0.4
V
LED CHANNELS
ISINK
Sink Current
ICHx Register = 255, PIN&NIN = Disabled, TA=25 °C
RISET=3.48 k
0.1%
78.4
80
81.6
mA
VMIN
Regulated minimum voltage across drivers, Pulse Width > 400 ns
625
700
775
mV
IMATCH
Current Matching Accuracy
-2.0
-
2.0
%
VSET
ISET Pin Voltage
RISET=3.48 k
0.1%
2.007
2.048
2.069
V
ILEDRES
LED Current Amplitude Resolution
1.0 mA < ILED < 80 mA
-
1.5
-
%
ICH_LEAK
Off-state Leakage Current, All channels - (VCH = 45 V)
-
-
10
A
PIN INPUT
VPIN_DIS
Voltage to Disable PIN mode
2.2
-
-
V
IPIN
PIN Bias Current
PIN = VSET
-2.0
-
2.0
A
IDIM_PIN
Analog Dimming Current, ICHx Register = 255, RISET=3.48 k
 0.1%
PIN = VSET/2
PIN = VSET
36
76
40
80
44
84
mA
NIN INPUT
VNIN_DIS
Voltage to Disable NIN mode
2.2
-
-
V
ININ
NIN Bias Current
NIN = VSET
-2.0
-
2.0
A
IDIM_NIN
Analog Dimming Current
ICHx Register = 255, RISET=3.48 k
 0.1%
NIN = VSET/2
NIN = 0 V
36
76
40
80
44
84
mA
Table 4. Static and Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 12 V, VOUT = 42 V, PWM = VDC1, M/~S = VDC1, PIN & NIN = VDC1, -40C  TA  105C,
PGND = 0 V, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com