Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34844 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 34844
Description  10 Channel LED Backlight Driver with Integrated Power Supply
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34844 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 34844 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34844 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34844
ELECTRICAL CHARACTERISTICS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
OVER-VOLTAGE PROTECTION (CONTINUED)
Over-voltage Clamp - OVP Register Table:
OVP6H
OVP = 6h
26
28
30
V
OVP5H
OVP = 5h
23
24
25
V
OVPHW
Over-voltage threshold,
Set by Hardware, Voltage at A0/SEN
6.15
6.5
6.85
V
ISINK_OVP
A0/SEN Sink Current, TA=25°C
70
100
130
A
BOOST
fSW0
Switching Frequency (BST [1:0]=0)
0.14
0.16
0.18
MHz
fSW1
Switching Frequency (BST [1:0]=1) (Default)
0.29
0.32
0.35
MHz
fSW2
Switching Frequency (BST [1:0]=2)
0.59
0.65
0.72
MHz
fSW3
Switching Frequency (BST [1:0]=3)
1.17
1.30
1.42
MHz
fSW
Boost Switching Frequency
0.29
0.32
0.35
MHz
DMIN
Minimum Duty Cycle
-
10
15
%
DMAX
Maximum Duty Cycle
80
85
-
%
tSS
Soft Start Period
-
6.5
-
ms
tTR
Boost Switch Rise Time
-
15
-
ns
(10)
tF
Boost Switch Fall Time
-
25
-
ns
(10)
PWM GENERATOR
fPWMS
PWM Frequency Range
M/~S = Low (Slave Mode)
110
-
27000
Hz
(10)
fPWMM
PWM Frequency, M/~S = High (Master Mode)
FPWM Register = 768
FPWM Register = 192,000
25000
103
27000
110
29000
112
Hz
tfPWM
PWM dimming resolution
-
0.39
-
%
PWM PIN (DIRECT PWM CONTROL)
tPWM_IN
Input PWM Pin Minimum Pulse
150
-
-
ns
(10)
fPWM
Input PWM Frequency Range
110
-
27000
Hz
PHASE LOCK LOOP
fCKS
CK Slave Mode Frequency Lock Range, M/~S = Low (Slave Mode)
110
-
27000
Hz
(11)
fCKS_JITTER
CK Slave Mode Input Jitter, M/~S = Low (Slave Mode)
-
-
0.1
%
(10)
TS_ACQ
Slave Mode Acquisition Time, M/~S = Low (Slave Mode)
FPWMS=27 kHz
FPWMS=110 Hz
-
-
50
2000
-
-
ms
fCKMASTER
CK Frequency (Master Mode)
FPWM Register = 768
FPWM Register = 192,000
25000
103
27000
110
29000
112
Hz
Notes
10.
Guaranteed by design
11.
Special considerations should be made for frequencies between 110 Hz to 1.0 KHz. Please refer to Functional Device Operation for further details.
Table 4. Static and Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 12 V, VOUT = 42 V, PWM = VDC1, M/~S = VDC1, PIN & NIN = VDC1, -40C  TA  105C,
PGND = 0 V, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com