Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD7P20TM Datasheet(PDF) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # FQD7P20TM
Description  P-channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

FQD7P20TM Datasheet(HTML) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

  FQD7P20TM Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 6Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = -50 V, starting TJ = 25 °C, L = 17 mH, Rg = 25 , IAS = -6.5 A (see fig. 12).
c. ISD  -6.5 A, dI/dt  120 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material).
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
-200
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at -10 V
TC = 25 °C
ID
-3.6
A
TC = 100 °C
-2.5
Pulsed Drain Current a
IDM
-15
Linear Derating Factor
0.59
W/°C
Linear Derating Factor (PCB mount) e
0.025
Single Pulse Avalanche Energy b
EAS
500
mJ
Avalanche Current a
IAR
-6.4
A
Repetitive Avalanche Energy a
EAR
7.4
mJ
Maximum Power Dissipation
TC = 25 °C
PD
74
W
Maximum Power Dissipation (PCB mount) e
TA = 25 °C
3.0
Peak Diode Recovery dV/dt c
dV/dt
-5.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
Soldering Recommendations (Peak temperature) d
for 10 s
300
P-channel Enhancement Mode Power MOSFET
Features
 VDS=
-2 0V, ID= -
A
RDS(ON) <
0.10Ω @ VGS = -10V
RDS(ON) <
0.12Ω @ VGS = -4.5V
●
Advanced Trench Technology
●
Provide Excellent RDS(ON) and Low Gate
Charge
●
Lead Free and Green Available
100% UIS TESTED!
100% ΔVds TESTED!
General Features
www.bychip.cn
Pin Assignment
Schematic Diagram
TO-252-2L Top View
v1.0
FQD7P20TM


Similar Part No. - FQD7P20TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD7P20TF FAIRCHILD-FQD7P20TF Datasheet
737Kb / 9P
Low Crss(typical 25 pF)
More results

Similar Description - FQD7P20TM

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com