Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD7P20TM Datasheet(PDF) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # FQD7P20TM
Description  P-channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

FQD7P20TM Datasheet(HTML) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

  FQD7P20TM Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 6Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
91085_01
Bottom
Top
V
GS
- 15 V
- 10 V
- 8.0 V
- 7.0 V
- 6.0 V
- 5.5 V
- 5.0 V
- 4.5 V
20 µs Pulse Width
T
C = 25 °C
- 4.5 V
- VDS, Drain-to-Source Voltage (V)
100
101
101
100
10-1
10-1
101
100
10-1
100
101
- VDS, Drain-to-Source Voltage (V)
Bottom
Top
V
GS
- 15 V
- 10 V
- 8.0 V
- 7.0 V
- 6.0 V
- 5.5 V
- 5.0 V
- 4.5 V
20 µs Pulse Width
T
C = 150 °C
91085_02
- 4.5 V
10-1
20 µs Pulse Width
V
DS = - 50 V
101
100
- VGS, Gate-to-Source Voltage (V)
56
78
9
10
4
25
°C
150
°C
91085_03
I
D = - 3.5 A
V
GS = - 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
91085_04
- 60 - 40 - 20 0
20
40
60 80 100 120 140 160
1200
1000
800
600
0
200
400
100
101
- VDS, Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
91085_05
QG, Total Gate Charge (nC)
20
16
12
8
0
4
0
5
25
20
15
10
V
DS = - 40 V
V
DS = - 100 V
For test circuit
see figure 13
V
DS = - 160 V
91085_06
I
D = - 3.5 A
30
www.bychip.cn
v3.0
FQD7P20TM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com