Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD7P20TM Datasheet(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # FQD7P20TM
Description  P-channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

FQD7P20TM Datasheet(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  FQD7P20TM Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED FQD7P20TM Datasheet HTML 6Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
 300 μs; duty cycle  2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Maximum Junction-to-Ambient
(PCB mount) a
RthJA
-40
Maximum Junction-to-Case (Drain)
RthJC
-1.7
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = -250 μA
-200
-
-
V
VDS Temperature Coefficient
V
DS/TJ
Reference to 25 °C, ID = -1 mA
-
-0.24
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 μA
-2.0
-
-4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = -200 V, VGS = 0 V
-
-
- 100
μA
VDS = -160 V, VGS = 0 V, TJ = 125 °C
-
-
-500
Drain-Source On-State Resistance
RDS(on)
VGS = -10 V
ID = -3.0 A b
-
1.00
-
Forward Transconductance
gfs
VDS = -50 V, ID = -3.0 A b
2.8
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = -25 V,
f = 1.0 MHz, see fig. 5
-
700
-
pF
Output Capacitance
Coss
-
200
-
Reverse Transfer Capacitance
Crss
-40
-
Total Gate Charge
Qg
VGS = -10 V
ID = -3.5A, V DS = -160 V,
see fig. 6 and 13 b
--
29
nC
Gate-Source Charge
Qgs
--
5.4
Gate-Drain Charge
Qgd
--
15
Turn-On Delay Time
td(on)
VDD = -100 V, ID = -3.5A,
Rg = 12 , RD = 15 , see fig. 10 b
-12
-
ns
Rise Time
tr
-27
-
Turn-Off Delay Time
td(off)
-28
-
Fall Time
tf
-24
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Gate Input Resistance
Rg
f = 1 MHz, open drain
0.6
-
3.7
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
-6.5
A
Pulsed Diode Forward Current a
ISM
--
-26
Body Diode Voltage
VSD
TJ = 25 °C, IS = -3.5A, V GS = 0 V b
--
-6.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = -3.5A, dI/dt = 100 A/μs b
-
200
300
ns
Body Diode Reverse Recovery Charge
Qrr
-1.9
2.9
μC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G
www.bychip.cn
v2.0
FQD7P20TM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com