Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA571 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA571
Description  Compandor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA571 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA571 Datasheet HTML 1Page - NXP Semiconductors SA571 Datasheet HTML 2Page - NXP Semiconductors SA571 Datasheet HTML 3Page - NXP Semiconductors SA571 Datasheet HTML 4Page - NXP Semiconductors SA571 Datasheet HTML 5Page - NXP Semiconductors SA571 Datasheet HTML 6Page - NXP Semiconductors SA571 Datasheet HTML 7Page - NXP Semiconductors SA571 Datasheet HTML 8Page - NXP Semiconductors SA571 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Philips Semiconductors
Product specification
SA571
Compandor
1997 Aug 14
5
This paper describes an inexpensive integrated circuit, the SA571
Compandor, which offers a pair of high performance gain control
circuits featuring low distortion (<0.1%), high signal-to-noise ratio
(90dB), and wide dynamic range (110dB).
CIRCUIT BACKGROUND
The SA571 Compandor was originally designed to satisfy the
requirements of the telephone system. When several telephone
channels are multiplexed onto a common line, the resulting
signal-to-noise ratio is poor and companding is used to allow a wider
dynamic range to be passed through the channel. Figure 5
graphically shows what a compandor can do for the signal-to-noise
ratio of a restricted dynamic range channel. The input level range of
+20 to -80dB is shown undergoing a 2-to-1 compression where a
2dB input level change is compressed into a 1dB output level
change by the compressor. The original 100dB of dynamic range is
thus compressed to a 50dB range for transmission through a
restricted dynamic range channel. A complementary expansion on
the receiving end restores the original signal levels and reduces the
channel noise by as much as 45dB.
The significant circuits in a compressor or expander are the rectifier
and the gain control element. The phone system requires a simple
full-wave averaging rectifier with good accuracy, since the rectifier
accuracy determines the (input) output level tracking accuracy. The
gain cell determines the distortion and noise characteristics, and the
phone system specifications here are very loose. These specs could
have been met with a simple operational transconductance
multiplier, or OTA, but the gain of an OTA is proportional to
temperature and this is very undesirable. Therefore, a linearized
transconductance multiplier was designed which is insensitive to
temperature and offers low noise and low distortion performance.
These features make the circuit useful in audio and data systems as
well as in telecommunications systems.
BASIC CIRCUIT HOOK-UP AND OPERATION
Figure 6 shows the block diagram of one half of the chip, (there are
two identical channels on the IC). The full-wave averaging rectifier
provides a gain control current, IG, for the variable gain (∆G) cell.
The output of the
∆G cell is a current which is fed to the summing
node of the operational amplifier. Resistors are provided to establish
circuit gain and set the output DC bias.
INPUT
LEVEL
OUTPUT
LEVEL
NOISE
+20
0dB
–40
–80
–20
0dB
–40
–80
SR00679
Figure 5. Restricted Dynamic Range Channel
The circuit is intended for use in single power supply systems, so
the internal summing nodes must be biased at some voltage above
ground. An internal band gap voltage reference provides a very
stable, low noise 1.8V reference denoted VREF. The non-inverting
input of the op amp is tied to VREF, and the summing nodes of the
rectifier and
∆G cell (located at the right of R1 and R2) have the
same potential. The THD trim pin is also at the VREF potential.
Figure 7 shows how the circuit is hooked up to realize an expandor.
The input signal, VIN, is applied to the inputs of both the rectifier and
the
∆G cell. When the input signal drops by 6dB, the gain control
current will drop by a factor of 2, and so the gain will drop 6dB. The
output level at VOUT will thus drop 12dB, giving us the desired 2-to-1
expansion.
Figure 8 shows the hook-up for a compressor. This is essentially an
expandor placed in the feedback loop of the op amp. The
∆G cell is
setup to provide AC feedback only, so a separate DC feedback loop
is provided by the two RDC and CDC. The values of RDC will
determine the DC bias at the output of the op amp. The output will
bias to:
V
OUT DC + 1 )
R
DC1 ) RDC2
R
4
VCC PIN 13
GND PIN 4
OUTPUT
7,10
VREF
1.8V
R4
30k
1,16
CRECT
R1
10k
2,15
RECTIN
GIN
3,14
20k
R2
20k
R3
6,11
5,12
INVIN
R3
THD TRIM
8,9
IG
∆G
SR00680
Figure 6. Chip Block Diagram (1 of 2 Channels)
VIN
VOUT
VREF
∆G
*CIN1
*CIN2
*CRECT
+
R3
R4
R1
R2
GAIN
+
2R
3
V
IN
(avg)
R
1
R
2
I
B
NOTE:
IB = 140µA
*EXTERNAL COMPONENTS
SR00681
Figure 7. Basic Expander
V
REF +
1
)
R
DCTOT
30k
1.8V
The output of the expander will bias up to:
V
OUT DC + 1 )
R
3
R
4
V
REF
V
REF +
1
)
20k
30k
1.8V
+ 3.0V
The output will bias to 3.0V when the internal resistors are used.
External resistors may be placed in series with R3, (which will affect
the gain), or in parallel with R4 to raise the DC bias to any desired
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com