Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA571 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA571
Description  Compandor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA571 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA571 Datasheet HTML 3Page - NXP Semiconductors SA571 Datasheet HTML 4Page - NXP Semiconductors SA571 Datasheet HTML 5Page - NXP Semiconductors SA571 Datasheet HTML 6Page - NXP Semiconductors SA571 Datasheet HTML 7Page - NXP Semiconductors SA571 Datasheet HTML 8Page - NXP Semiconductors SA571 Datasheet HTML 9Page - NXP Semiconductors SA571 Datasheet HTML 10Page - NXP Semiconductors SA571 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product specification
SA571
Compandor
1997 Aug 14
7
0
3
10k
1MEG
INPUT = 0dBm
–20dBm
–40dBm
FREQUENCY (Hz)
SR00686
Figure 12. Rectifier Frequency Response vs Input Level
VARIABLE GAIN CELL
Figure 13 is a diagram of the variable gain cell. This is a linearized
two-quadrant transconductance multiplier. Q1, Q2 and the op amp
provide a predistorted drive signal for the gain control pair, Q3 and
Q4. The gain is controlled by IG and a current mirror provides the
output current.
The op amp maintains the base and collector of Q1 at ground
potential (VREF) by controlling the base of Q2. The input current IIN
(=VIN/R2) is thus forced to flow through Q1 along with the current I1,
so IC1=I1+IIN. Since I2 has been set at twice the value of I1, the
current through Q2 is:
I2-(I1+IIN)=I1-IIN=IC2.
The op amp has thus forced a linear current swing between Q1 and
Q2 by providing the proper drive to the base of Q2. This drive signal
will be linear for small signals, but very non-linear for large signals,
since it is compensating for the non-linearity of the differential pair,
Q1 and Q2, under large signal conditions.
Q1
Q2
Q3
Q4
I
OUT +
I
G
I
1
I
IN +
I
G
V
IN
I
2
R
2
NOTE:
I2 (= 2I1)
280
µA
IG
IIN
VIN
R2
20k
I1
140
µA
V+
V–
SR00687
Figure 13. Simplified
∆G Cell Schematic
The key to the circuit is that this same predistorted drive signal is
applied to the gain control pair, Q3 and Q4. When two differential
pairs of transistors have the same signal applied, their collector
current ratios will be identical regardless of the magnitude of the
currents. This gives us:
I
C1
I
C2
+
I
C4
I
C3
+
I
1 ) IIN
I
1 * IIN
plus the relationships IG=IC3+IC4 and IOUT=IC4-IC3 will yield the
multiplier transfer function,
I
OUT +
I
G
I
1
I
IN +
V
IN
R
2
I
G
I
1
This equation is linear and temperature-insensitive, but it assumes
ideal transistors.
4
3
2
1
.34
–6
0
+6
4mV
3mV
2mV
1mV
INPUT LEVEL (dBm)
VOS = 5mV
SR00688
Figure 14.
∆G Cell Distortion vs Offset Voltage
If the transistors are not perfectly matched, a parabolic, non-linearity
is generated, which results in second harmonic distortion. Figure 14
gives an indication of the magnitude of the distortion caused by a
given input level and offset voltage. The distortion is linearly
proportional to the magnitude of the offset and the input level.
Saturation of the gain cell occurs at a +8dBm level. At a nominal
operating level of 0dBm, a 1mV offset will yield 0.34% of second
harmonic distortion. Most circuits are somewhat better than this,
which means our overall offsets are typically about mV. The
distortion is not affected by the magnitude of the gain control
current, and it does not increase as the gain is changed. This
second harmonic distortion could be eliminated by making perfect
transistors, but since that would be difficult, we have had to resort to
other methods. A trim pin has been provided to allow trimming of the
internal offsets to zero, which effectively eliminated
second harmonic distortion. Figure 15 shows the simple trim
network required.
Figure 16 shows the noise performance of the
∆G cell. The
maximum output level before clipping occurs in the gain cell is
plotted along with the output noise in a 20kHz bandwidth. Note that
the noise drops as the gain is reduced for the first 20dB of gain
reduction. At high gains, the signal to noise ratio is 90dB, and the
total dynamic range from maximum signal to minimum noise is
110dB.
3.6V
VCC
R
20k
6.2k
To THD Trim
≈200pF
SR00689
Figure 15. THD Trim Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com