Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8040DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8040DN
Description  Full Bridge or Single Ended Audio Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8040DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8040DN Datasheet HTML 1Page - Monolithic Power Systems MP8040DN Datasheet HTML 2Page - Monolithic Power Systems MP8040DN Datasheet HTML 3Page - Monolithic Power Systems MP8040DN Datasheet HTML 4Page - Monolithic Power Systems MP8040DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV0041
MP8040
Full Bridge or Single Ended
Audio Amplifier
EVALUATION BOARD
EV0041 Rev 1.4_8/1/05
Monolithic Power Systems, Inc.
3
Monolithic Power Systems
Figure 4: EV0041B Mono Full Bridge Schematic
0.47uF
Short
Open
Short
Open
Short
MP8040DN
MP8040DN
Open
Open
C11
D4
4148
D3
4148
C1
Table 2: EV0041B Mono Full Bridge Bill of Materials
Component
Description
Manufacturer Part Number
Package
Qty
U1, U2
PWM Power Driver
Monolithic Power Systems MP8040DN
SOIC8
2
C5
1000
µF/35V
Panasonic P/N EEUFC1V102B
5.0-R10.0
3
C3, C10, C12
0.47
µF
Panasonic P/N ECQV1H474JL
5.08
3
C4, C7
No Stuff
N/A
5.0-R10.0
0
C1, C11
10nF
NIC P/N NMC0603X7R103K10
0603
2
Alternate
Taiyo Yuden P/N UMK107BJ103MA
0603
0
C2, C8
1
µF
Taiyo Yuden P/N UMK107BJ103MA
0805
2
C6, C9
1
µF
NIC P/N NMC12063X7R105K16
1206
2
Alternate
Taiyo Yuden P/N GMK316BJ105ML
1206
0
L1, L2
15µH, 6A
Toko P/N 13BHBP-A7502H
13BHBP
2
R1, R6
No Stuff
Taiyo Yuden P/N GMK316BJ105ML
0805
0
R2, R3, R5, R8
100K
Ω
Toko P/N 13BHBP-A7502H
0805
4
R4, R7, R9
0
Ω
N/A
0805
0
D1, D2
1A, 30V, Schottky
On Semiconductor P/N MBR130
SMC
2
Alternate
Diodes Inc., P/N B130B
SMC
0
D3, D4
300mA, 100V
Diodes Inc. P/N 1N4148WS
SOD323
2
Total
24



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com