Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8040DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8040DN
Description  Full Bridge or Single Ended Audio Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8040DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8040DN Datasheet HTML 1Page - Monolithic Power Systems MP8040DN Datasheet HTML 2Page - Monolithic Power Systems MP8040DN Datasheet HTML 3Page - Monolithic Power Systems MP8040DN Datasheet HTML 4Page - Monolithic Power Systems MP8040DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
EV0041
MP8040
Full Bridge or Single Ended
Audio Amplifier
EVALUATION BOARD
EV0041 Rev 1.4_8/1/05
Monolithic Power Systems, Inc.
4
Monolithic Power Systems
Operation
1.
The EV0041 comes configured as a stereo single ended audio amplifier (EV0041A).
2.
To configure the board as a full bridge circuit (EV0041B), short R4, R7, R9, remove C4, C7 and
stuff C12 with a 0.47
µF capacitor.
3.
Connect the audio inputs to the IN pins as shown in Figure 5.
4.
Connect speakers to pins 1-4 as shown in Figure 5 for single ended configuration. Use pins 2 and
3 for bridged circuit.
5.
Connect the power supply to the VIN terminals as shown in Figure 5.
6.
SHDN enables/disables the MP8040. Drive SHDN low to turn on the MP8040, drive it high to turn
it off. If not used connect SHDN to GND.
7.
A low output at FLT indicates that the MP8040 has detected a fault and has shutdown.
8.
The DR pin is an optional fixed 5V voltage output capable of driving a 1mA load for external
circuitry.
Figure 5: Top Side Evaluation Board Diagram
Single
Ended
Outputs
-
+
+
-
Power Supply
VIN
GND
Right
Channel
Left
Channel
Left
Channel
Right
Channel
IN
SHDN
FLT
DR
GND
Bridge
Outputs
1
2
3
4
IN
SHDN
FLT
DR
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com