Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8040DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8040DN
Description  Full Bridge or Single Ended Audio Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8040DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8040DN Datasheet HTML 1Page - Monolithic Power Systems MP8040DN Datasheet HTML 2Page - Monolithic Power Systems MP8040DN Datasheet HTML 3Page - Monolithic Power Systems MP8040DN Datasheet HTML 4Page - Monolithic Power Systems MP8040DN Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EV0041
MP8040
Full Bridge or Single Ended
Audio Amplifier
EVALUATION BOARD
EV0041 Rev 1.4_8/1/05
Monolithic Power Systems, Inc.
1
Monolithic Power Systems
General Description
The EV0041 is an evaluation board
designed to demonstrate the capabilities of
MPS’ MP8040. It can be configured as a
stereo single ended amplifier (EV0041A) or
a full bridge mono amplifier (EV0041B).
The MP8040 is a general purpose, high
frequency half bridge power driver. The
MP8040 integrates both top and bottom n-
channel MOSFET power switches. The
MP8040 is fully protected from both
sourcing and sinking current by a preset
cycle-by-cycle current limit. The MP8040
features a low-current shutdown-mode,
input under-voltage protection, thermal
shutdown, and fault flag signal output. The
MP8040 interfaces with standard logic
signals and is available in small 8-lead
SOIC package.
Ordering Information
Board Number
MPS IC Number
EV0041
MP8040DN
EV0041 Evaluation Board
(Actual Size: 3.5”X x 3.5”Y)
Absolute Maximum Ratings
Supply Voltage VIN
-0.3V to 26V
SW Pin Voltage VSW
-0.3V to VIN
SW to BS
-0.3V to 6V
Voltage at All Other Pins
-0.3V to 6V
RMS Output Current
6A Maximum
Recommended Operating Conditions
Input Supply Voltage (VIN)
7.5 V to 25V
Peak Output Current
9A Maximum
RMS Output Current
4.5A Maximum
Features
+/- 9A Peak Current Output
+/- 4.25A Continuous Current Output
Up to 1.2MHz Switching Frequency
Protected Integrated Power 0.1 Ω Switches
Designed Switch Dead time of 30ns
All Switches Current Limited
Internal Under-voltage Protection
Internal Thermal Protection
1µA Standby Mode
Fault Indicator Output
Applications
Full or Half Bridge DC-DC Switching Regulator
Class D Audio Driver
Motor Driver


Similar Part No. - MP8040DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8040DN MPS-MP8040DN Datasheet
249Kb / 8P
High Current Integrated Half Bridge Driver
More results

Similar Description - MP8040DN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3173A TI-UC3173A Datasheet
489Kb / 12P
Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
Full-Bridge Power Amplifier
UC3176 TI-UC3176 Datasheet
389Kb / 5P
Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
Full Bridge Power Amplifier
logo
NXP Semiconductors
TFA9810 NXP-TFA9810 Datasheet
148Kb / 29P
Stereo full-bridge audio amplifier 2 x 12 W
Rev. 02-30 August 2007
TFA9815 NXP-TFA9815 Datasheet
139Kb / 26P
Stereo full-bridge audio amplifier 2 x 17 W
Rev. 01-16 December 2008
TFA9810 NXP-TFA9810_08 Datasheet
172Kb / 29P
Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
logo
Texas Instruments
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
Full Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
Full Bridge Power Amplifier
logo
NXP Semiconductors
TFA9810TN1 PHILIPS-TFA9810TN1 Datasheet
172Kb / 29P
Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com