Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE571 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NE571
Description  Compandor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE571 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NE571 Datasheet HTML 3Page - NXP Semiconductors NE571 Datasheet HTML 4Page - NXP Semiconductors NE571 Datasheet HTML 5Page - NXP Semiconductors NE571 Datasheet HTML 6Page - NXP Semiconductors NE571 Datasheet HTML 7Page - NXP Semiconductors NE571 Datasheet HTML 8Page - NXP Semiconductors NE571 Datasheet HTML 9Page - NXP Semiconductors NE571 Datasheet HTML 10Page - NXP Semiconductors NE571 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Philips Semiconductors
Product specification
SA571
Compandor
1997 Aug 14
8
VCA GAIN (0dB)
+20
0
–20
–40
–60
–80
–100
–40
–20
0
MAXIMUM
SIGNAL LEVEL
NOISE IN
20kHz BW
90dB
110dB
SR00690
Figure 16. Dynamic Range
Control signal feedthrough is generated in the gain cell by imperfect
device matching and mismatches in the current sources, I1 and I2.
When no input signal is present, changing IG will cause a small
output signal. The distortion trim is effective in nulling out any control
signal feedthrough, but in general, the null for minimum feedthrough
will be different than the null in distortion. The control signal
feedthrough can be trimmed independently of distortion by tying a
current source to the
∆G input pin. This effectively trims I1. Figure 17
shows such a trim network.
R-SELECT FOR
3.6V
470k
TO PIN 3 OR 14
100k
VCC
SR00691
Figure 17. Control Signal Feedthrough
OPERATIONAL AMPLIFIER
The main op amp shown in the chip block diagram is equivalent to a
741 with a 1MHz bandwidth. Figure 18 shows the basic circuit. Split
collectors are used in the input pair to reduce gM, so that a small
compensation capacitor of just 10pF may be used. The output
stage, although capable of output currents in excess of 20mA, is
biased for a low quiescent current to conserve power. When driving
heavy loads, this leads to a small amount of crossover distortion.
Q1
Q2
Q4
Q3
I1
I2
Q6
D1
D2
Q2
CC
+IN
–IN
OUT
SR00692
Figure 18. Operational Amplifier
RESISTORS
Inspection of the gain equations in Figures 7 and 8 will show that the
basic compressor and expander circuit gains may be set entirely by
resistor ratios and the internal voltage reference. Thus, any form of
resistors that match well would suffice for these simple hook-ups,
and absolute accuracy and temperature coefficient would be of no
importance. However, as one starts to modify the gain equation with
external resistors, the internal resistor accuracy and tempco become
very significant. Figure 19 shows the effects of temperature on the
diffused resistors which are normally used in integrated circuits, and
the ion-implanted resistors which are used in this circuit. Over the
critical 0
°C to +70°C temperature range, there is a 10-to-1 improve-
ment in drift from a 5% change for the diffused resistors, to a 0.5%
change for the implemented resistors. The implanted resistors have
another advantage in that they can be made the size of the diffused
resistors due to the higher resistivity. This saves a significant
amount of chip area.
1% ERROR
TEMPERATURE
1.15
1.10
1.05
1.00
.95
–40
0
40
80
120
LOW TC
IMPLANTED
RESISTOR
BAND
1k
Ω /
140
Ω /
DIFFUSED
RESISTOR
SR00693
Figure 19. Resistance vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com