Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7633 Datasheet(PDF) 1 Page - EPCOS

Part # B7633
Description  SAW Components BAW duplexer 1880.00 / 1960.00 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7633 Datasheet(HTML) 1 Page - EPCOS

  B7633 Datasheet HTML 1Page - EPCOS B7633 Datasheet HTML 2Page - EPCOS B7633 Datasheet HTML 3Page - EPCOS B7633 Datasheet HTML 4Page - EPCOS B7633 Datasheet HTML 5Page - EPCOS B7633 Datasheet HTML 6Page - EPCOS B7633 Datasheet HTML 7Page - EPCOS B7633 Datasheet HTML 8Page - EPCOS B7633 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SAW Components
BAW duplexer
1900 MHz CDMA (IS-95)
Series/type:
Ordering code:
B7633
B39192B7633D810
Date:
Version:
August 17, 2006
2.0


Similar Part No. - B7633

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7630 EPCOS-B7630 Datasheet
114Kb / 10P
SAW Components Low-Loss Filter for Mobile Communication 836,5 / 881,5 MHz
logo
Kemet Corporation
B76304E6879M010 KEMET-B76304E6879M010 Datasheet
41Kb / 1P
Capacitor, tantalum
B76304E6879M018 KEMET-B76304E6879M018 Datasheet
41Kb / 1P
Capacitor, tantalum
B76306E6879M010 KEMET-B76306E6879M010 Datasheet
41Kb / 1P
Capacitor, tantalum
B76306E6879M018 KEMET-B76306E6879M018 Datasheet
41Kb / 1P
Capacitor, tantalum
More results

Similar Description - B7633

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4143 EPCOS-B4143 Datasheet
95Kb / 9P
SAW filter 1880.00 MHz
logo
TDK Electronics
B39202B4480P810 TDK-B39202B4480P810 Datasheet
180Kb / 12P
SAW Components BAW/SAW Duplexer
B39741B4407P810 TDK-B39741B4407P810 Datasheet
182Kb / 11P
SAW Components SAW Duplexer
B39202B8004P810 TDK-B39202B8004P810 Datasheet
289Kb / 13P
SAW Components BAW/SAW Duplexer
B39202B8078P810 TDK-B39202B8078P810 Datasheet
301Kb / 14P
SAW Components BAW/SAW Duplexer
B39202B8522P810 TDK-B39202B8522P810 Datasheet
347Kb / 13P
SAW Components SAW Duplexer
B39202B8607P810 TDK-B39202B8607P810 Datasheet
210Kb / 12P
SAW Components SAW Duplexer
B39202B8618P810 TDK-B39202B8618P810 Datasheet
350Kb / 13P
SAW Components SAW Duplexer
B39212B8524P810 TDK-B39212B8524P810 Datasheet
274Kb / 18P
SAW Components SAW Duplexer
B39272B8016P810 TDK-B39272B8016P810 Datasheet
193Kb / 15P
SAW Components BAW/SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com