Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7633 Datasheet(PDF) 4 Page - EPCOS

Part # B7633
Description  SAW Components BAW duplexer 1880.00 / 1960.00 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7633 Datasheet(HTML) 4 Page - EPCOS

  B7633 Datasheet HTML 1Page - EPCOS B7633 Datasheet HTML 2Page - EPCOS B7633 Datasheet HTML 3Page - EPCOS B7633 Datasheet HTML 4Page - EPCOS B7633 Datasheet HTML 5Page - EPCOS B7633 Datasheet HTML 6Page - EPCOS B7633 Datasheet HTML 7Page - EPCOS B7633 Datasheet HTML 8Page - EPCOS B7633 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
August 17, 2006
B7633
1880.00 / 1960.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
BAW duplexer
Data Sheet
Characteristics
Operating temperature range:
T
= –30 ˚C to +85 ˚C
ANT terminating impedance:
ZANT =50 Ω
RX terminating impedance:
ZRX =50 Ω
TX terminating impedance:
ZTX =50 Ω
Characteristics ANT-RX
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
1960.0
—
MHz
Maximum insertion attenuation
α
max
1930.6
... 1935.0
MHz
—
3.6
4.51)
1) 4.0dB for 25˚C to 85˚C
dB
1935.0
... 1987.0
MHz
—
3.1
3.5
dB
1987.0
... 1989.4
MHz
—
2.1
3.5
dB
Amplitude ripple (p-p)
∆α
1930.6
... 1989.4
MHz
—
1.4
2.7
dB
Return loss
RX port
1930.6
... 1989.4
MHz
4.0
5.5
—
dB
ANT port 1850.6
... 1989.4
MHz
6.0
8.0
—
dB
Attenuation
α
0.3
... 1770.0
MHz
33
35.5
—
dB
1770.0
... 1850.6
MHz
39
41.5
—
dB
1850.6
... 1905.0
MHz
54
57
—
dB
1905.0
... 1909.4
MHz
48
58
—
dB
2010.0
... 2070.0
MHz
7
20
—dB
2070.0
... 2750.0
MHz
39
41.5
—dB
2750.0
... 3350.0
MHz
20
34
—dB
3350.0
... 3500.0
MHz
39
41.5
—dB
3500.0
... 4500.0
MHz
30
40
—dB
4500.0
... 6000.0
MHz
20
25
—dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com