Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B7633 Datasheet(PDF) 3 Page - EPCOS

Part # B7633
Description  SAW Components BAW duplexer 1880.00 / 1960.00 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7633 Datasheet(HTML) 3 Page - EPCOS

  B7633 Datasheet HTML 1Page - EPCOS B7633 Datasheet HTML 2Page - EPCOS B7633 Datasheet HTML 3Page - EPCOS B7633 Datasheet HTML 4Page - EPCOS B7633 Datasheet HTML 5Page - EPCOS B7633 Datasheet HTML 6Page - EPCOS B7633 Datasheet HTML 7Page - EPCOS B7633 Datasheet HTML 8Page - EPCOS B7633 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
August 17, 2006
B7633
1880.00 / 1960.00 MHz
SAW Components
BAW duplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
= –30 ˚C to +85 ˚C
ANT terminating impedance:
ZANT =50 Ω
RX terminating impedance:
ZRX =50 Ω
TX terminating impedance:
ZTX =50 Ω
Characteristics TX-ANT
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
1880.0
—
MHz
Maximum insertion attenuation
α
max
1850.6
... 1853.0
MHz
—
2.1
3.3
dB
1853.0
... 1907.0
MHz
—
2.6
3.0
dB
1907.0
... 1909.4
MHz
—
2.7
3.5
dB
Amplitude ripple (p-p)
∆α
1850.6
... 1909.4
MHz
—
1.4
2.2
dB
Return loss
TX port
1850.6
... 1909.4
MHz
8.0
10.0
—
dB
ANT port 1850.6
... 1989.4
MHz
6.0
8.0
—
dB
Attenuation
α
0.3
... 1570.0
MHz
31
33.5
—
dB
1570.0
... 1580.0
MHz
30
32.5
—
dB
1580.0
... 1800.0
MHz
29
31.5
—
dB
1930.6
... 1935.0
MHz
42
51.5
—
dB
1935.0
... 1989.4
MHz
38
41.5
—
dB
2400.0
... 2500.0
MHz
34
36.5
—
dB
2500.0
... 3400.0
MHz
20
28
—
dB
3400.0
... 4400.0
MHz
25
30
—
dB
4400.0
... 5550.0
MHz
5
7.5
—
dB
5550.0
... 5730.0
MHz
5
7.5
—dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com