Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2175 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2175
Description  3V 400MHz LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2175 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2175 Datasheet HTML 1Page - RF Micro Devices RF2175 Datasheet HTML 2Page - RF Micro Devices RF2175 Datasheet HTML 3Page - RF Micro Devices RF2175 Datasheet HTML 4Page - RF Micro Devices RF2175 Datasheet HTML 5Page - RF Micro Devices RF2175 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2-290
RF2175
Rev A8 030313
Application Schematic
380MHz
1 nF
2.2 uF
56 nH
5.1 nH
1 nF
100 pF
2.2 uF
12.55 nH
Bias
15
11
10
9
2
7
12
13
14
16
8
6
5
4
3
1
VREG
VMODE
56 pF
3.6 nH
2.2 uF
100 pF
12 pF
1 nF
5.6 pF
0
Ω
100 pF
33 nH
4.7 pF
5.6 nH
33 nH
4.7
μF
V
CC
VCC = 3.0 V to 5.2 V
RF IN
RF IN: TETRA Modulation
RF OUT
V
CC
VREG (VACP) = 2.6 V on, 0 V off
25% duty cycle, 14.17 ms pulse width



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com