Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2175 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2175
Description  3V 400MHz LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2175 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2175 Datasheet HTML 1Page - RF Micro Devices RF2175 Datasheet HTML 2Page - RF Micro Devices RF2175 Datasheet HTML 3Page - RF Micro Devices RF2175 Datasheet HTML 4Page - RF Micro Devices RF2175 Datasheet HTML 5Page - RF Micro Devices RF2175 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2-291
RF2175
Rev A8 030313
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
C3
1 nF
C2
2.2 uF
L4
56 nH
L5
4.7 nH
C6
1 nF
C8
100 pF
C5
2.2 uF
L6
12.55 nH
Bias
15
11
10
9
2
7
12
13
14
16
8
6
5
4
3
1
VREG
VMODE
C9
56 pF
L1
3.6 nH
C14
2.2 uF
C15
100 pF
C10
12 pF
C11
1 nF
C13
5.1 pF
VCC
R1
0
Ω
50
Ω μstrip
J1
RF IN
VCC
C4
100 pF
50
Ω μstrip
J2
RF OUT
2175400A
P1
1
2
3
CON3
GND
P1-1
VCC
P1-3
VREG
P2
1
2
3
CON3
GND
P2-3
VMODE
P2-1
VCC
L3
33 nH
C16
4.7 pF
L7
5.6 nH
L2
33 nH
C17
4.7
μF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com