Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2175 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2175
Description  3V 400MHz LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2175 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2175 Datasheet HTML 1Page - RF Micro Devices RF2175 Datasheet HTML 2Page - RF Micro Devices RF2175 Datasheet HTML 3Page - RF Micro Devices RF2175 Datasheet HTML 4Page - RF Micro Devices RF2175 Datasheet HTML 5Page - RF Micro Devices RF2175 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-287
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
Bias
15
11
10
9
7
RF OUT
12
RF OUT
13
RF OUT
14
VBIAS
16
VREG
8
RF IN
6
GND1
5
Q1C
4
3
VCC
1
2
LTUNE
NC
RF2175
3V 400MHz LINEAR AMPLIFIER
• 3V TETRA Cellular Handsets
• 3V CDMA Cellular Handsets
• Portable Battery-Powered Equipment
The RF2175 is a high-power, high-efficiency linear ampli-
fier IC targeting 3V handheld systems. The device is
manufactured on an advanced Gallium Arsenide Hetero-
junction Bipolar Transistor (HBT) process, and has been
designed for use as the final RF amplifier in TETRA hand-
held digital cellular equipment, spread-spectrum systems,
and other applications in the 380MHz to 512MHz band.
The RF2175 has an analog bias control voltage to maxi-
mize efficiency. The device is self-contained with 50
Ω
input, and the output can be easily matched to obtain
optimum power, efficiency, and linearity characteristics.
The package is a small SSOP-16 plastic with backside
ground.
• Single 3V Supply
• 31.8dBm Linear Output Power
• 37.5dB Linear Gain
• 30% Linear Efficiency
• On-Board Power Down Mode
• 380MHz to 512MHz Operation
RF2175
3V 400MHz Linear Amplifier
RF2175 PCBA
Fully Assembled Evaluation Board
0
Rev A8 030313
EXPOSED HEATSINK
0.154
0.012
0.008
0.025
0.063
0.057
Exposed Heat
Sink
0.087
0.071
0.123
0.107
0.004
0.002 Note 3
-A-
0.196
0.189
0.035
0.016
8° MAX
0° MIN
0.010
0.007
0.237
NOTES:
1. Shaded lead in Pin 1.
2. Lead coplanarity - 0.003 with respect to datum "A".
3. Lead standoff is specified from the lowest point on the
package underside.
Package Style: SSOP-16 Slug


Similar Part No. - RF2175

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2175 RFMD-RF2175 Datasheet
109Kb / 6P
3V 400MHZ LINEAR AMPLIFIER
RF2175PCBA RFMD-RF2175PCBA Datasheet
109Kb / 6P
3V 400MHZ LINEAR AMPLIFIER
More results

Similar Description - RF2175

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2162 RFMD-RF2162 Datasheet
218Kb / 10P
3V 900MHZ LINEAR AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2175 RFMD-RF2175 Datasheet
109Kb / 6P
3V 400MHZ LINEAR AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
RF3300-2 RFMD-RF3300-2 Datasheet
106Kb / 8P
3V 900MHz LINEAR AMPLIFIER MODULE
RF2162 RFMD-RF2162_06 Datasheet
244Kb / 10P
3V 900MHz LINEAR AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com