Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2196 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2196
Description  3V PCS LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2196 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2196_06 Datasheet HTML 1Page - RF Micro Devices RF2196_06 Datasheet HTML 2Page - RF Micro Devices RF2196_06 Datasheet HTML 3Page - RF Micro Devices RF2196_06 Datasheet HTML 4Page - RF Micro Devices RF2196_06 Datasheet HTML 5Page - RF Micro Devices RF2196_06 Datasheet HTML 6Page - RF Micro Devices RF2196_06 Datasheet HTML 7Page - RF Micro Devices RF2196_06 Datasheet HTML 8Page - RF Micro Devices RF2196_06 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2-347
RF2196
Rev A2 060918
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
High Power State CDMA
2000 1x (VMODE LOW)
Case T=25°C, VCC=3.4V, VREG=2.85V,
VMODE=0V to 0.5V, Freq=1850MHz to
1910MHz (unless otherwise specified)
Frequency Range
1850
1910
MHz
Linear Gain
27
dB
Pilot+DCCH 9600
Maximum Linear Output Power
(CDMA 2000 Modulation)
26.5
dBm
2.5dB Backoff included in IS95D 5.4dB peak
to average at CCDF of 1%
Adjacent Channel Power Rejec-
tion
-49
dBc
ACPR@1.25MHz
-61
dBc
ACPR@2.25MHz
Pilot+FCH 9600+SCH0 9600
Maximum Linear Output Power
(CDMA 2000 Modulation)
29
dBm
4.5dB peak to average at CCDF of 1%
Adjacent Channel Power Rejec-
tion
-46
dBc
ACPR@1.25MHz
-63
dBc
ACPR@2.25MHz
Low Power State CDMA
2000 1x (VMODE HIGH)
Case T=25°C, VCC=3.4V, VREG=2.85V,
VMODE=2V to 3V, Freq=1850MHz to
1910MHz
Frequency Range
1850
1910
MHz
Linear Gain
19
dB
Pilot+DCCH 9600
Maximum Linear Output Power
(CDMA 2000 Modulation)
16
20
dBm
5.4dB peak to average at CCDF of 1%
Adjacent Channel Power Rejec-
tion
-52
dBc
ACPR@1.25MHz
-65
dBc
ACPR@2.25MHz
Pilot+FCH 9600+SCHO 9600
Maximum Linear Output Power
(CDMA 2000 Modulation)
16
20
dBm
4.5dB peak to average at CCDF of 1%
Adjacent Channel Power Rejec-
tion
-52
dBc
ACPR@1.25MHz
-65
dBc
ACPR@2.25MHz
DC Supply
Supply Voltage
3.0
3.4
4.2
V
Quiescent Current
185
mA
VMODE=Low
55
mA
VMODE=High
VREG Current
5
10
mA
VMODE Current
1
mA
Total Current (Power Down)
10
μAV
REG =Low
VREG “Low” Voltage
0
0.5
V
VREG “High” Voltage
2.75
2.85
2.95
V
VMODE “Low” Voltage
0
0.5
V
VMODE “High” Voltage
2.0
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com