Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2196 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2196
Description  3V PCS LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2196 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2196_06 Datasheet HTML 1Page - RF Micro Devices RF2196_06 Datasheet HTML 2Page - RF Micro Devices RF2196_06 Datasheet HTML 3Page - RF Micro Devices RF2196_06 Datasheet HTML 4Page - RF Micro Devices RF2196_06 Datasheet HTML 5Page - RF Micro Devices RF2196_06 Datasheet HTML 6Page - RF Micro Devices RF2196_06 Datasheet HTML 7Page - RF Micro Devices RF2196_06 Datasheet HTML 8Page - RF Micro Devices RF2196_06 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-345
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
4
VPD2
3
MODE
2
VPD1
13
14
15
16
1
10 VCC
11 VCC1
12 VCC1
5
67
8
9
RF2196
3V PCS LINEAR POWER AMPLIFIER
• 3V CDMA PCS Handsets
• 3V CDMA KPCS Handsets
• 3V TDMA/GAIT PCS Handsets
• 3V CDMA 2000 PCS Handsets
• Spread-Spectrum Systems
• Portable Battery-Powered Equipment
The RF2196 is a high-power, high-efficiency linear ampli-
fier IC targeting 3V handheld systems. The device is
manufactured on an advanced Gallium Arsenide process,
and has been designed for use as the final RF amplifier in
3V CDMA and CDMA2000 handsets as well as other
applications in the 1750MHz to 1910MHz band. The
RF2196 has a low power mode to extend battery life
under low output power conditions. The package is an
ultra small 4mmx4mm, 16-pin QFN plastic package with
backside ground.
• Single 3V Supply
• 29dBm Linear Output Power
• 35% Linear Efficiency
• Low Power Mode (Up to 20dBm)
• 55mA Idle Current
RF2196
3V PCS Linear Power Amplifier
RF2196PCBA-41X Fully Assembled Evaluation Board
0
Rev A2 060918
12°
MAX
0.05
0.00
0.75
0.65
1.00
0.90
C
0.05
Dimensions in mm.
Shaded pin is lead 1.
A
4.00
2.00
1.50
SQ.
4.00
2
2.00
1.60
2 PLCS
0.10 C A
2 PLCS
0.10
C AB
M
3.20
2 PLCS
0.75
0.50
0.10 C B
2 PLCS
-B-
0.80
TYP
0.45
0.28
0.10 C A
2 PLCS
3.75
3.75
0.10 C B
2 PLCS
INDEX AREA
Package Style: QFN, 16-Pin, 4x4
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2196_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2196PCBA RFMD-RF2196PCBA Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
RF2196PCBA-41X RFMD-RF2196PCBA-41X Datasheet
320Kb / 12P
3V PCS LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_1 Datasheet
320Kb / 12P
3V PCS LINEAR POWER AMPLIFIER
More results

Similar Description - RF2196_06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2146 RFMD-RF2146 Datasheet
129Kb / 8P
PCS LINEAR POWER AMPLIFIER
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
3V PCS LINEAR POWER AMPLIFIER
logo
Raytheon Company
RMPA1951-102 RAYTHEON-RMPA1951-102 Datasheet
200Kb / 17P
3V PCS CDMA Power Amplifier Module
logo
RF Micro Devices
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196_1 Datasheet
320Kb / 12P
3V PCS LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com