Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2196 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2196
Description  3V PCS LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2196 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2196_06 Datasheet HTML 2Page - RF Micro Devices RF2196_06 Datasheet HTML 3Page - RF Micro Devices RF2196_06 Datasheet HTML 4Page - RF Micro Devices RF2196_06 Datasheet HTML 5Page - RF Micro Devices RF2196_06 Datasheet HTML 6Page - RF Micro Devices RF2196_06 Datasheet HTML 7Page - RF Micro Devices RF2196_06 Datasheet HTML 8Page - RF Micro Devices RF2196_06 Datasheet HTML 9Page - RF Micro Devices RF2196_06 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2-350
RF2196
Rev A2 060918
Evaluation Board Schematic
US - CDMA
15
16
1
2
3
4
12
11
10
9
8
7
6
5
14
13
C24
3.6 pF
C5
15 pF
RF IN
C1**
4.7 pF
C14**
2.2 pF
C3
15 pF
RF OUT
L1*
2.5 nH
C7
2.2 pF
C4
15 pF
C28
10 nF
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1 and C14 are High Q capacitors
(i.e., Johanson C-series).
Pins 1 and 9 are internally grounded to the die flag.
TL
1
TL
2
C27
15 pF
R12
Jumper
P2
R1
1 k
Ω
P3
L4
12 nH
C13
15 pF
R11
Jumper
C6
15 pF
P1
C30
11 pF
L2
Ferrite
10
Ω
C8
10 nF
TL
3
C2
4.7 uF
Transmission
Line Length
CDMA (US)
TL
3
15 mils
TL
2
140 mils
TL
1
30 mils
P3
VMODE
P1
1
P1
VCC
P1
1
P2
VREG
P1
1
P4
GND
P1
1
C26
1 uF +
C25
1 uF
+
TL4
CDMA (US)
Board
C30 (pF)
11
C1 (pF)
4.7
L1 (nH)
2.5
C14 (pF)
2.2
TL
4
200 mils



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com