Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3854 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF3854
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3854 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF3854 Datasheet HTML 9Page - RF Micro Devices RF3854 Datasheet HTML 10Page - RF Micro Devices RF3854 Datasheet HTML 11Page - RF Micro Devices RF3854 Datasheet HTML 12Page - RF Micro Devices RF3854 Datasheet HTML 13Page - RF Micro Devices RF3854 Datasheet HTML 14Page - RF Micro Devices RF3854 Datasheet HTML 15Page - RF Micro Devices RF3854 Datasheet HTML 16Page - RF Micro Devices RF3854 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13 of 26
RF3854
Rev A1 DS070313
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1VCC2
Supply for LO buffers, frequency doubler and dividers.
2LO HB P
High band local oscillator input (1800MHz).
In “low band FLO/2” modes the signal (LOHBP-LOHBN) undergoes a fre-
quency division of 2 to provide the low band LO signal for the modulator.
In “high band FLOx1” modes the signal (LOHBP-LOHBN) is used as the
high band LO signal for the modulator.
In “high band bypass” a modulated DCS1800/PCS1900 signal (LOHBP-
LOHBN) is switched into the RF signal path. The modulator is disabled and
the signal is routed to the RFOutHb outputs through a differential PA driver
amplifier.
The LOHBP input is AC-coupled internally.
The noise performance, carrier suppression at low output powers and side-
band suppression all vary with LO power. The optimum LO power is
between -3dBm and +3dBm. The device will work with LO powers as low as
-20dBm however this is at the expense of higher phase noise in the LO cir-
cuitry and poorer sideband suppression.
The input impedance should be externally matched to 50
Ω. The port can
be driven either differentially or single ended. The port impedance does
not vary significantly between active and power down modes.
3LO HB N
The complementary LO input for both LOHBP LO signals.
In any of the modes the LOHB input may be driven either single ended or
differentially. If the LO is driven single ended then the PCB board designer
can ground this pin.
It is recommended that if this pin is grounded that it is kept isolated from
the GND1 pin and the die flag ground. All connections to any other ground
should be made through a ground plane. Poor routing of this ground signal
can significantly degrade the LO leakage performance.
See pin 2.
4LO LB P
Low band local oscillator input (900MHz).
In “wideband FLOx2” and “high band FLOx2” modes the signal (LOLBP-
LOLBN) is doubled in frequency to provide the LO signal for the modulator.
In “Low band FLOx1” modes the signal (LOLBP-LOLBN) is used as the LO
signal for the modulator.
In “Low band Bypass” a modulated GSM900 signal (LOLBP-LOLBN) is
switched into the RF signal path. The modulator is disabled and the signal
is routed to the RFOutLb outputs through a differential PA driver amplifier.
This LOLBP input is AC-coupled internally.
The noise performance, carrier suppression at low output powers and side-
band suppression performance are functions of LO power. The optimum LO
power is between -3dBm and +3dBm. The device will work with LO powers
as low as -20dBm however this is at the expense of higher noise perfor-
mance at high output powers and poorer sideband suppression.
The input impedance should be externally matched to 50
Ω. The port
impedance does not vary significantly between active and powered modes.
5LO LB N
The complementary LO input for both LOLBP LO signals.
In any of the modes the LOLB input may be driven either single ended or
differentially. If the LO is driven single ended then the PCB board designer
can ground this pin.
It is recommended that if this pin is grounded that it is kept isolated from
the GND1 pin and the die flag ground. All connections to any other ground
should be made through a ground plane. Poor routing of this GndLO signal
can significantly degrade the LO leakage performance.
See pin 4.
Modulator and
VGA
VCC2
LO HB P
LO HB N
V
CC
LO LB P
LO LB N
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com