Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3854 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3854
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3854 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3854 Datasheet HTML 1Page - RF Micro Devices RF3854 Datasheet HTML 2Page - RF Micro Devices RF3854 Datasheet HTML 3Page - RF Micro Devices RF3854 Datasheet HTML 4Page - RF Micro Devices RF3854 Datasheet HTML 5Page - RF Micro Devices RF3854 Datasheet HTML 6Page - RF Micro Devices RF3854 Datasheet HTML 7Page - RF Micro Devices RF3854 Datasheet HTML 8Page - RF Micro Devices RF3854 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1 of 26
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
VCC2
LO HB P
LO HB N
LO LB P
LO LB N
MODE C
RF OUT
LB N
7
6
5
4
3
2
1
12
11
10
9
8
18
17
16
15
14
13
23
22
21
20
19
24
Note: The die flag is the
chip's main ground.
+45°
-45°
Σ
DIV
2
+45°
-45°
Flo
x2
Mode Control
and Biasing
Power
Control
RF OUT
LB P
RF OUT
HB N
RF OUT
HB P
RF OUT
WB N
RF OUT
WB P
RF3854
LOW NOISE, MULTI-MODE, QUAD-BAND,
QUADRATURE MODULATOR AND PA DRIVER
The RF3854 is a low noise, multi-mode, quad-band direct I/Q to RF modu-
lator and PA driver solution designed for digital modulation applications
ranging from 800MHz to 2000MHz. Frequency doublers, dividers and LO
buffers are included to support a variety of LO generation options.
Dynamic power control is supported through a single analog input giving
90dB of power control range for the W-CDMA mode and 40dB of power
control in the other two modes. Three sets of RF outputs are provided:
high band and low band low noise EDGE/GMSK outputs, as well as one
wideband W-CDMA output. The device is designed for 2.7V to 3.3V opera-
tion, and is assembled in a plastic, 24-pin, 4mmx4mm QFN.
Features
W-CDMA High/Mid/Low
Power Modes
Quad-Band Direct Quadrature
Modulator
Variable Gain PA Drivers
GMSK Bypass Amplifiers
LO Frequency Doubler and
Divider
Baseband Filtering
Qualified to Infrastructure
Standards
Applications
CDMA, GSM, and UMTS Bas-
estation Architecture
ISM Transceivers
Broadband Fixed Wireless
Access and Wireless Local
Loop
GMSK, QPSK, DQPSK, QAM
Modulation
RF3854
Low Noise, Multi-Mode, Quad-Band, Quadrature Modulator
and PA Driver
RF3854PCBA-41X
Fully Assembled Evaluation Board
Rev A1 DS070313
RoHS Compliant & Pb-Free Product
Package Style: QFN, 24-Pin, 4x4


Similar Part No. - RF3854

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3855 RFMD-RF3855 Datasheet
174Kb / 6P
3.1V LINEAR POWER AMPLIFIER
RF3857 RFMD-RF3857 Datasheet
624Kb / 11P
DUAL CHANNEL LNA WITH BYPASS MODE
RF3857PCK-410 RFMD-RF3857PCK-410 Datasheet
624Kb / 11P
DUAL CHANNEL LNA WITH BYPASS MODE
RF3857PCK-411 RFMD-RF3857PCK-411 Datasheet
624Kb / 11P
DUAL CHANNEL LNA WITH BYPASS MODE
RF3857SR RFMD-RF3857SR Datasheet
624Kb / 11P
DUAL CHANNEL LNA WITH BYPASS MODE
More results

Similar Description - RF3854

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2705 RFMD-RF2705 Datasheet
379Kb / 24P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2483 RFMD-RF2483_06 Datasheet
524Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2705G RFMD-RF2705G Datasheet
349Kb / 24P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2705G RFMD-RF2705G_1 Datasheet
577Kb / 26P
LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2483 RFMD-RF2483_1 Datasheet
753Kb / 28P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_11 Datasheet
3Mb / 34P
LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7777 AVAGO-ACPM-7777 Datasheet
228Kb / 3P
Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Broadcom Corporation.
ACPM-7600 BOARDCOM-ACPM-7600 Datasheet
233Kb / 3P
Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
ACPM-7620 BOARDCOM-ACPM-7620 Datasheet
193Kb / 4P
Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com