| Electronic Components Datasheet Search |
|
LAN8804/ZMXC1 Datasheet(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8804/ZMXC1 Datasheet(HTML) 19 Page - Microchip Technology |
|
19 / 91 page ![]() LAN8804 © 2024 Microchip Technology Inc. and its subsidiaries DS00003591G-page 19 Test Mode TEST_MODE VIS For normal operation, this pin must be pulled-down to ground. No Connect NC - For normal operation, this pin must be left unconnected. TABLE 3-6: JTAG PINS Name Symbol Buffer Type Description JTAG Mux Select TMS SRL JTAG test mode select JTAG Clock TCK SRL JTAG test clock JTAG Data Input TDI SRL JTAG data input JTAG Data Output TDO SRL JTAG data output TABLE 3-7: CONFIGURATION STRAP INPUT PINS Name Symbol Buffer Type Description PHY Base Address Configuration Straps PHYAD[4:0] VIS Configures the PHY Management base address, used with MDIO bus transactions. The PHY base address, PHYAD[4:0], is sampled and latched at power-up/reset and is configurable to any value from 0 to 1Fh. Each PHY address bit is configured as follows: Pulled-up = 1 Pulled-down = 0 The addresses of each of the 4 PHYs are the base value, as defined by PHYAD[4:0], plus offsets of 0, 1, 2 and 3. Refer to Section 3.3.2, "PHY Address (PHYAD[4:0])" for additional information. Note: PHYAD[4:0] must never be greater than ‘h1C. LED Polarity Configuration Straps PORT0_LED1_POL PORT0_LED2_POL PORT1_LED1_POL PORT1_LED2_POL PORT2_LED1_POL PORT2_LED2_POL PORT3_LED1_POL PORT3_LED2_POL VIS Configures LED polarity as Active High or Active Low. Since the LED pins are shared with configuration straps, the default polarity of the LED pins is determined during strap loading. If the strap value on a pin is a 0, the LED is set as active high ( PORTx_LEDy_POL=1), since it is assumed that a LED to ground is used as the pull-down. Note: When using a LED as a pull-down strap, an exter- nal supplemental pull-down resistor may be needed to ensure a valid low level. If the strap value on a pin is 1, the LED is set as active low ( PORTx_LEDy_POL=0), since it is assumed that a LED to VDDIO is used as the pull-up. Refer to Section 3.3.5, "LED Polarity (PORT[3:0]_LED[2:1]_POL)" for additional information. TABLE 3-5: MISCELLANEOUS PINS (CONTINUED) Name Symbol Buffer Type Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |