Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8804/ZMXC1 Datasheet(PDF) 26 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 26 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 22Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 23Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 24Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 25Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 26Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 27Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 28Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 29Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
LAN8804
DS00003591G-page 26
© 2024 Microchip Technology Inc. and its subsidiaries
4.0
DEVICE CONNECTIONS
The following example device connection information and diagrams are included in this section:
• Voltage Regulator and Power Connections
• QSGMII MAC Interface
• Ethernet Media Interface
4.1
Voltage Regulator and Power Connections
The LAN8804 integrates an optional LDO controller for use with an external P-channel MOSFET to generate the 1.1V
supply from an existing 2.5V or 3.3V source. Use of the LDO controller and MOSFET is not required. An external 1.1V
supply can be alternatively utilized.
4.1.1
MOSFET SELECTION
The selected MOSFET should exceed the following minimum requirements:
• P-channel
• 500 mA (continuous current)
• 3.3V or 2.5V (source – input voltage)
• 1.1V (drain – output voltage)
The VGS for the MOSFET must be operating in the constant current saturated region and not towards the threshold
voltage for the cut-off region of the MOSFET, VGS(th).
A 220 µF electrolytic capacitor between 1.1V and ground is required for proper LDO operation.
4.1.2
LDO DISABLE
The LDO controller is enabled by default. It may alternatively be disabled via internal register settings. An external
source of 1.1V is necessary if the LDO is disabled.
4.1.3
POWER CONNECTIONS
Figure 4-1 illustrates the device power connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com