Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN8804/ZMXC1 Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 24Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 25Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 26Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 27Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 28Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 29Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 30Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 31Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
LAN8804
DS00003591G-page 28
© 2024 Microchip Technology Inc. and its subsidiaries
4.2
QSGMII MAC Interface
Figure 4-2 illustrates the device QSGMII MAC interface connections.
4.3
Ethernet Media Interface
Figure 4-3 illustrates the device Ethernet media interface connections.
FIGURE 4-2:
QSGMII MAC INTERFACE CONNECTIONS
FIGURE 4-3:
ETHERNET MEDIA INTERFACE CONNECTIONS
Note:
The device supports integrated connector magnetics with ganged center taps.
QSGMII MAC
QSGMII_RXP
QSGMII_RXN
QSGMII_TXN
QSGMII_TXP
RxN
RxP
TxN
TxP
100 
0.1 µF
0.1 µF
100 
*If not internally
terminated inside
the host
100 
0.1 µF
0.1 µF
PHY
Port 0
PHY
Port 1
PHY
Port 2
PHY
Port 3
LAN8804
PHY Port_n
Transformer
RJ-45
75Ω
75Ω
75Ω
75Ω
1000 pF, 2 kV
0.1 µF
0.1 µF
0.1 µF
0.1 µF
A+
A-
B+
B-
C+
C-
D+
D-
1
2
3
6
4
5
7
8
TX_RXN_A_n
TX_RXP_A_n
TX_RXN_B_n
TX_RXP_B_n
TX_RXN_C_n
TX_RXP_C_n
TX_RXN_D_n
TX_RXP_D_n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com