Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82816PVCAR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPSM82816PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82816PVCAR Datasheet(HTML) 2 Page - Texas Instruments

  TPSM82816PVCAR Datasheet HTML 1Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 2Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings........................................ 6
6.2 ESD Ratings............................................................... 6
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information....................................................7
6.5 Electrical Characteristics.............................................7
6.6 Typical Characteristics................................................ 9
7 Detailed Description......................................................10
7.1 Overview................................................................... 10
7.2 Functional Block Diagram......................................... 10
7.3 Feature Description...................................................11
7.4 Device Functional Modes..........................................14
8 Application and Implementation.................................. 16
8.1 Application Information............................................. 16
8.2 Typical Application.................................................... 16
8.3 System Examples..................................................... 24
8.4 Power Supply Recommendations.............................25
8.5 Layout....................................................................... 26
9 Device and Documentation Support............................28
9.1 Device Support......................................................... 28
9.2 Documentation Support............................................ 28
9.3 Receiving Notification of Documentation Updates....28
9.4 Support Resources................................................... 28
9.5 Trademarks...............................................................28
9.6 Electrostatic Discharge Caution................................28
9.7 Glossary....................................................................28
10 Revision History.......................................................... 29
11 Mechanical, Packaging, and Orderable
Information.................................................................... 29
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com