Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82816PVCAR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPSM82816PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82816PVCAR Datasheet(HTML) 1 Page - Texas Instruments

  TPSM82816PVCAR Datasheet HTML 1Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 2Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated
Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
1 Features
• Adjustable and synchronizable switching
frequency of 1.8MHz to 4MHz
• Spread spectrum clocking (optional)
• Selectable forced PWM or PFM/PWM operation
• Output voltage accuracy ±1% (PWM operation)
• Input voltage range: 2.7V to 6V
• Output voltage range: 0.6V to 5.5V
• Adjustable soft-start or tracking
• Power-good output with window comparator
• Precise ENABLE input allows
– User-defined undervoltage lockout
– Exact sequencing
• Optimized for low EMI requirements
– No bond wire package
– MagPack technology shields inductor and IC
– Simplified layout through optimized pinout
• 100% duty cycle
• Output discharge
• 18µA typical quiescent current
• –40°C to 125°C operating temperature range
• Max package height: 1.6mm (SIE) / 2.0mm (VCA)
• Excellent thermal performance
• Pin-to-pin compatible with:
– SIE: TPSM82813 (3A) and TPSM82810 (4A)
– VCA (MagPack): TPSM82811 (1A),
TPSM82812 (2A), TPSM82813 (3A)
2 Applications
• Optical modules, data center interconnect
• Test & measurement
• Patient monitoring and diagnostics
• Wireless infrastructure
• Aerospace and defense
3 Description
TPSM8281x are a family of pin-to-pin, 1A, 2A, 3A,
4A, and 6A compatible high efficiency and easy to
use synchronous step-down DC/DC power modules
with integrated inductors. The devices are based on
a fixed-frequency peak current-mode control topology.
The devices are used in telecommunication, test and
measurement, and medical applications with high
power density and ease of use requirements. Low
resistance switches allow up to 6A continuous output
current at high ambient temperatures. The switching
frequency is externally adjustable from 1.8MHz to
4MHz and can also be synchronized to an external
clock in the same frequency range. In power save
mode, the TPSM8281x automatically enters PFM at
light loads to maintain high efficiency across the
whole load range. The TPSM8281x provides a 1%
output voltage accuracy in PWM mode which helps
design a power supply with high output voltage
accuracy. The SS/TR pin sets the start-up time or
tracks the output voltage to an external source. This
action allows external sequencing of different supply
rails and limits the inrush current during start-up.
Device Information
PART
NUMBER(4)
OUTPUT
CURRENT
PACKAGE(1)
BODY SIZE
(NOM)
TPSM82814(2)
4A
VCA (QFN-
FCMOD, 13)
2.5mm ×
3.0mm
TPSM82816(3)
6A
TPSM82816
6A
SIE (uSiP, 14)
3.0mm ×
4.0mm
(1)
For more information, see Section 11.
(2)
Preview information (not Production Data).
(3)
Advance Information (not Production Data).
(4)
See the Device Comparison Table.
MODE/SYNC
VOUT
FB
VIN
2.7 V - 6 V
COUT
2 × 47 µF
TPSM8281x
EN
R1
VOUT
GND
PG
SS/TR
COMP/FSET
R3
CFF
External sync (optional)
R2
RCF
CSS
CIN
22 µF
VIN
Schematic
Output Current (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
1
100m
10m
1m
100u
6
VOUT = 0.9V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
FPWM
PSM
TPSM82816PVCA Efficiency; VIN = 5V
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TPSM82816PVCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82816 TI-TPSM82816 Datasheet
1Mb / 30P
TPSM82816 2.7-V to 6-V Input 6-A Step-Down MicroSiP™ Power Module with Integrated Inductor and Frequency Synchronization
DECEMBER 2022
TPSM82816SIER TI-TPSM82816SIER Datasheet
1Mb / 30P
TPSM82816 2.7-V to 6-V Input 6-A Step-Down MicroSiP™ Power Module with Integrated Inductor and Frequency Synchronization
DECEMBER 2022
More results

Similar Description - TPSM82816PVCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
logo
Monolithic Power System...
MPM3805 MPS-MPM3805 Datasheet
890Kb / 16P
6V Input, 0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3810 MPS-MPM3810 Datasheet
902Kb / 17P
6V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3820 MPS-MPM3820 Datasheet
1Mb / 17P
6V Input, 2A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
MPM38111 MPS-MPM38111 Datasheet
1Mb / 16P
Dual 1A, 2.7V-6V, Power Module, Synchronous, Step-Down Converter with Integrated Inductors
MPM38222 MPS-MPM38222 Datasheet
1Mb / 18P
Dual 2A, 2.7V-6V, Power Module, Synchronous, Step-Down Converter with Integrated Inductors
logo
Texas Instruments
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82816 TI-TPSM82816 Datasheet
1Mb / 30P
TPSM82816 2.7-V to 6-V Input 6-A Step-Down MicroSiP™ Power Module with Integrated Inductor and Frequency Synchronization
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com