Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM82816PVCAR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPSM82816PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82816PVCAR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPSM82816PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 14Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 15Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 16Page - Texas Instruments TPSM82816PVCAR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
variation is typically between the nominal switching frequency and up to 288 kHz above the nominal switching
frequency. When the device is externally synchronized, the TPSM8281x follows the external clock and the
internal spread spectrum block is turned off. SSC is also disabled during soft start.
7.3.6 Undervoltage Lockout (UVLO)
If the input voltage drops, the undervoltage lockout prevents mis-operation of the device by switching off both the
MOSFETs. The device is fully operational for voltages above the rising UVLO threshold and turns off if the input
voltage goes below the falling threshold.
7.3.7 Power-Good Output (PG)
The device has a power-good output with window comparator. The PG pin goes high impedance after the FB
pin voltage is above 95% and less than 107% of the nominal voltage, and is driven low after the voltage falls
below 90% or rises higher than 110% of the nominal voltage (typical). Table 7-2 shows the typical PG pin logic.
The PG pin is an open-drain output and is specified to sink up to 2 mA. The power good output requires a pullup
resistor connected to any voltage rail less than VIN. The PG signal can be used for sequencing of multiple rails
by connecting to the EN pin of other converters. If not used, the PG pin can be left floating or connected to GND.
Table 7-2. Power-Good Pin Logic
DEVICE STATE
PG LOGIC STATUS
HIGH IMPEDANCE
LOW
Enabled (EN = High)
0.95 × VFB_NOM ≤ VFB ≤ 1.07 × VFB_NOM
√
VFB < 0.9 × VFB_NOM or VFB > 1.1 ×
VFB_NOM
√
Shutdown (EN = Low)
√
UVLO
2 V ≤ VIN < VUVLO
√
Thermal Shutdown
TJ > TJSD
√
Power Supply Removal
VIN < 2 V
undefined
The PG pin has a 40-μs deglitch time on the falling edge. See Figure 7-1.
VO
VTH,PG
VTH,PG
PG
UVP
VTH,PG
VTH,PG
OVP
tPG,DLY
tPG,DLY
tPG,DLY
tPG,DLY
Figure 7-1. Power-Good Transient and Delay Behavior
7.3.8 Thermal Shutdown
The junction temperature (TJ) of the device is monitored by an internal temperature sensor. If TJ exceeds 180°C
(typical), the device goes into thermal shutdown. Both the high-side and low-side power FETs are turned off and
PG goes low. When TJ decreases below the hysteresis amount of typically 15°C, the converter resumes normal
operation, beginning with soft start. During PFM the thermal shutdown is not active.
www.ti.com
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com