Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPSM82816PVCAR Datasheet(PDF) 9 Page - Texas Instruments

Part # XPSM82816PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XPSM82816PVCAR Datasheet(HTML) 9 Page - Texas Instruments

Back Button XPSM82816PVCAR Datasheet HTML 5Page - Texas Instruments XPSM82816PVCAR Datasheet HTML 6Page - Texas Instruments XPSM82816PVCAR Datasheet HTML 7Page - Texas Instruments XPSM82816PVCAR Datasheet HTML 8Page - Texas Instruments XPSM82816PVCAR Datasheet HTML 9Page - Texas Instruments XPSM82816PVCAR Datasheet HTML 10Page - Texas Instruments XPSM82816PVCAR Datasheet HTML 11Page - Texas Instruments XPSM82816PVCAR Datasheet HTML 12Page - Texas Instruments XPSM82816PVCAR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
6.6 Typical Characteristics
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
6
10
12
14
16
18
20
22
24
26
28
30
TJ = -40°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
Figure 6-1. Quiescent Current
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
6
0
0.5
1
1.5
2
TJ = -40°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
Figure 6-2. Shutdown Current
Junction Temperature (°C)
-40
-20
0
20
40
60
80
100
120
2.2
2.21
2.22
2.23
2.24
2.25
2.26
2.27
2.28
2.29
2.3
VIN = 2.7 V
VIN = 3.3 V
VIN = 5.0 V
Figure 6-3. Oscillator Frequency (COMP/FSET =
VIN)
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
6
10
15
20
25
30
35
40
45
50
TJ = -40°C
TJ = 25°C
TJ = 85°C
TJ = 125°C
Figure 6-4. Discharge Resistance
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
10
15
20
25
30
35
40
45
50
55
60
TJ = -40 C
TJ = 25 C
TJ = 85 C
TJ = 125 C
Figure 6-5. Dropout Resistance TPSM8281xPVCA
Input Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
10
15
20
25
30
35
40
45
50
55
60
TJ = -40C
TJ = 25C
TJ = 85C
TJ = 125C
Figure 6-6. Dropout Resistance TPSM82816SIE
www.ti.com
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com