Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPSM82813PVCAR Datasheet(PDF) 12 Page - Texas Instruments

Part # XPSM82813PVCAR
Description  TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XPSM82813PVCAR Datasheet(HTML) 12 Page - Texas Instruments

Back Button XPSM82813PVCAR Datasheet HTML 8Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 9Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 10Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 11Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 12Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 13Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 14Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 15Page - Texas Instruments XPSM82813PVCAR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
8.3.6 Undervoltage Lockout (UVLO)
If the input voltage drops, the undervoltage lockout prevents mis-operation of the device by switching off both the
MOSFETs. The device is fully operational for voltages above the rising UVLO threshold and turns off if the input
voltage goes below the falling threshold.
8.3.7 Power-Good Output (PG)
The device has a power good output with window comparator. The PG pin goes high impedance after the FB
pin voltage is above 95% and less than 107% of the nominal voltage, and is driven low after the voltage falls
below typically 90% or higher than 110% of the nominal voltage. Table 8-2 shows the typical PG pin logic. The
PG pin is an open-drain output and is specified to sink up to 2mA. The power good output requires a pullup
resistor connected to any voltage rail less than VIN. The PG signal can be used for sequencing of multiple rails
by connecting to the EN pin of other converters. If not used, the PG pin can be left floating or connected to GND.
Table 8-2. Power Good Pin Logic
DEVICE STATE
PG LOGIC STATUS
HIGH IMPEDANCE
LOW
Enabled (EN = High)
0.57V ≤ VFB ≤ 0.642V
√
VFB < 0.54V or VFB > 0.66V
√
Shutdown (EN = Low)
√
UVLO
2V ≤ VIN < VUVLO
√
Thermal Shutdown
TJ > TJSD
√
Power Supply Removal
VIN < 2V
√
The PG pin has a 40μs deglitch time on the falling edge.
8.3.8 Thermal Shutdown
The junction temperature (TJ) of the device is monitored by an internal temperature sensor. If TJ exceeds 170°C
(typ), the device goes into thermal shutdown. Both the high-side and low-side power FETs are turned off and
PG goes low. When TJ decreases below the hysteresis amount of typically 15°C, the converter resumes normal
operation, beginning with soft start. During PFM, the thermal shutdown is not active.
8.4 Device Functional Modes
8.4.1 Pulse Width Modulation (PWM) Operation
The TPSM8281x has two operating modes: Forced PWM mode and PFM/PWM mode.
With the MODE/SYNC pin set to high, the TPSM8281x operates with pulse width modulation in continuous
conduction mode (CCM). The switching frequency is either defined by a resistor from the COMP/FSET pin to
GND or by an external clock signal applied to the MODE/SYNC pin.
8.4.2 Power Save Mode Operation (PFM/PWM)
When the MODE/SYNC pin is low, power save mode is allowed. The device operates in PWM mode as long
as the peak inductor current is above the PFM threshold of about 1.2A. When the peak inductor current drops
below the PFM threshold, the device starts to skip switching pulses.
In power save mode, the switching frequency decreases linearly with the load current to maintain high efficiency.
The linear behavior of the switching frequency in power save mode is shown in Figure 8-1.
TPSM82810, TPSM82813
SLUSDN6B – SEPTEMBER 2019 – REVISED JULY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com