Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L198 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 4 Page - NXP Semiconductors

  SC28L198 Datasheet HTML 1Page - NXP Semiconductors SC28L198 Datasheet HTML 2Page - NXP Semiconductors SC28L198 Datasheet HTML 3Page - NXP Semiconductors SC28L198 Datasheet HTML 4Page - NXP Semiconductors SC28L198 Datasheet HTML 5Page - NXP Semiconductors SC28L198 Datasheet HTML 6Page - NXP Semiconductors SC28L198 Datasheet HTML 7Page - NXP Semiconductors SC28L198 Datasheet HTML 8Page - NXP Semiconductors SC28L198 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
4
PIN CONFIGURATIONS
11
1
75
12
32
33
53
54
74
84-PIN PLCC
TOP VIEW
84
PINOUT
Pin
Function
Pin
Function
Pin
Function
1
VSS
29
I/O1d
57
I/O2g
2
VCC
30
I/O2d
58
I/O1g
3
CEN
31
I/O3d
59
I/O0g
4
W_RN
32
RxDd
60
RxDg
5
A2
33
Vss
61
TxDg
6
A1
34
TxDd
62
VSS
7
A0
35
RESETN
63
X1
8
DACKN
36
Gin0
64
X2
9
I/O0a
37
Gout0
65
TxDf
10
I/O1a
38
D0
66
I/O3f
11
RxDa
39
D1
67
I/O2f
12
RxDb
40
D2
68
I/O1f
13
I/O2a
41
D3
69
I/O0f
14
I/O3a
42
VSS
70
TxDe
15
TxDa
43
VCC
71
I/O3e
16
I/O0b
44
D4
72
I/O2e
17
I/O1b
45
D5
73
I/O1e
18
I/O2b
46
D6
74
RxDf
19
I/O3b
47
D7
75
RxDe
20
TxDb
48
Gin1
76
I/O0e
21
I/O0c
49
I/O3h
77
IRQN
22
Vss
50
I/O2h
78
A7
23
I/O1c
51
I/O1h
79
A6
24
I/O2c
52
I/O0h
80
A5
25
I/O3c
53
Vss
81
A4
26
TxDc
54
RxDh
82
A3
27
RxDc
55
TxDh
83
IACKN
28
I/O0d
56
I/O3g
84
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com