Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L198 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 43Page - NXP Semiconductors SC28L198 Datasheet HTML 44Page - NXP Semiconductors SC28L198 Datasheet HTML 45Page - NXP Semiconductors SC28L198 Datasheet HTML 46Page - NXP Semiconductors SC28L198 Datasheet HTML 47Page - NXP Semiconductors SC28L198 Datasheet HTML 48Page - NXP Semiconductors SC28L198 Datasheet HTML 49Page - NXP Semiconductors SC28L198 Datasheet HTML 50Page - NXP Semiconductors SC28L198 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
47
AC ELECTRICAL CHARACTERISTICS FOR COMMERCIAL AND INDUSTRIAL (3.3) (Continued)
Fsclk
Sclk frequency
0.1
20
MHz
T/RFsclk
Sclk rise/fall time (0.8 to 2.0Volts)
5
ns
X1 / X2 Communication Crystal Clock
Fx15
X1 clock frequency
1
3.6864
4
MHz
X1 L / H
X1 Low / High time
80
52
ns
T/RFx1
X1 Rise / Fall time
10
ns
Counter/Timer Baud Rate Clock (External Clock Input)
FC/T4
Clock frequency
0
8
MHz
TC/TLH
C/T high and low time
20
15
ns
TC/TO
Delay C/T clock external to output pin
48
110
ns
DACKN Timing
DAKDLY
DACK low from Sclk C4 rising edge
18
30
ns
DAKDLYA
DACK high from CEN high (ASYNC)
18
30
ns
DAKDLY
DACK high from C4 end rising edge (SYNC)
20
30
ns
I/O PORT External Clock
TGPIRTX
GPI to Rx/Tx clock out
50
80
ns
RxD setup to I/OP rising edge 1X mode
20
2
ns
I/OP falling edge to TxD out 1X mode
32
70
ns
GOUT Timing
GPOTDD
GPO valid after write to GPOR
100
ns
NOTES:
1. Timing is illustrated and referenced with respect to W–RN and CEN inputs. Internal read and write activities are controlled by the Sclk as it
generates the several “C” timing as shown in the timing diagrams.
2. The minimum time before the rising edge of the next C2 time to stop the next bus cycle. CEN must return high after midpoint of C4 time and
before the C2 time of the next cycle.
3. Delay is from CEN high in Async mode to IRQN inactive, from end of C4 to IRQN inactive in Sync mode.
4. The minimum frequency values are not tested, but are guaranteed by design.
5. 1MHz specification is for crystal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com