Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC28L198 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # SC28L198
Description  Octal UART for 3.3V and 5V supply voltage
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L198 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button SC28L198 Datasheet HTML 36Page - NXP Semiconductors SC28L198 Datasheet HTML 37Page - NXP Semiconductors SC28L198 Datasheet HTML 38Page - NXP Semiconductors SC28L198 Datasheet HTML 39Page - NXP Semiconductors SC28L198 Datasheet HTML 40Page - NXP Semiconductors SC28L198 Datasheet HTML 41Page - NXP Semiconductors SC28L198 Datasheet HTML 42Page - NXP Semiconductors SC28L198 Datasheet HTML 43Page - NXP Semiconductors SC28L198 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Philips Semiconductors
Product specification
SC28L198
Octal UART for 3.3V and 5V supply voltage
1999 Jan 14
40
A(7:0)
Read
Write
UART G
11100000 (xE0)
Mode Register g (MR2g)
Mode Register g (MR2g)
11100001 (xE1)
Status Register g (SRg)
Command Register g (CRg)
11100010 (xE2)
Interrupt Status Register g (ISRg)
Interrupt Mask Register g (IMRg)
11100011 (xE3)
Receiver FIFO Reg g (RxFIFOg)
Transmitter FIFO Reg g (TxFIFOg)
11100100 (xE4)
Input Port Reg g (IPRg)
Reserved
11100101 (xE5)
I/O Port Interrupt and Output g (I/OPIORg)
I/O Port Interrupt and Output g (I/OPIORg)
11100110 (xE6)
Xon/XoffInterrupt Status Reg g (XISRg)
Reserved
11100111 (xE7)
Reserved
Reserved
11101000 (xE8)
Reserved
Reserved
11101001 (xE9)
Reserved
Reserved
11101010 (xEA)
Reserved
Reserved
11101011 (xEB)
Reserved
Reserved
11101100 (xEC)
Reserved
Reserved
11101101 (xED)
Reserved
Reserved
11101110 (xEE)
Reserved
Reserved
11101111 (xEF)
Reserved
Reserved
UART H
11110000 (xF0)
Mode Register h (MR2h)
Mode Register h (MR2h)
11110001 (xF1)
Status Register h (SRh)
Command Register h (CRh)
11110010 (xF2)
Interrupt Status Register h (ISRh)
Interrupt Mask Register h (IMRh)
11110011 (xF3)
Receiver FIFO Reg h (RxFIFOh)
Transmitter FIFO Reg h (TxFIFOh)
11110100 (xF4)
Input Port Reg h (IPRh)
Reserved
11110101 (xF5)
I/O Port Interrupt and Output h (I/OPIORh)
I/O Port Interrupt and Output h (I/OPIORh)
11110110 (xF6)
Xon/XoffInterrupt Status Reg h (XISRh)
Reserved
11110111 (xF7)
Reserved
Reserved
11111000 (xF8)
Reserved
Reserved
11111001 (xF9)
Reserved
Reserved
11111010 (xFA)
Reserved
Reserved
11111011 (xFB)
Reserved
Reserved
11111100 (xFC)
Reserved
Reserved
11111101 (xFD)
Reserved
Reserved
11111110 (xFE)
Reserved
Reserved
11111111 (xFF)
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com