Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS210KNHR Datasheet(PDF) 1 Page - Rohm

Part # SCS210KNHR
Description  Automotive Grade SiC Schottky Barrier Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS210KNHR Datasheet(HTML) 1 Page - Rohm

  SCS210KNHR Datasheet HTML 1Page - Rohm SCS210KNHR Datasheet HTML 2Page - Rohm SCS210KNHR Datasheet HTML 3Page - Rohm SCS210KNHR Datasheet HTML 4Page - Rohm SCS210KNHR Datasheet HTML 5Page - Rohm SCS210KNHR Datasheet HTML 6Page - Rohm SCS210KNHR Datasheet HTML 7Page - Rohm SCS210KNHR Datasheet HTML 8Page - Rohm SCS210KNHR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SCS210KNHR
Automotive Grade SiC Schottky Barrier Diode
*1 Limited by maximum Tvj and for Max. RthJC.
*2 Tc=100°C, Tvj=150°C, Duty cycle=10% *3 Tc=25°C
5) Wide creepage distance = min. 5.10mm
3) Negligible recovery time/current
lOutline
lInner circuit
lPackaging specifications
TO-263-2L
2) Low forward voltage
4) Temperature independent switching behavior
1200V
10A
VR
IF
QC
lFeatures
18nC
1) AEC-Q101 qualified
A
W
Symbol
lApplications
・ On Board Charger
・ EV Charger
・ DC/DC Converter
・ Wireless Charger
Parameter
V
V
A
A
A
VRM
Embossed tape
330
Type
Packaging
Reel size (mm)
TRL
SCS210KN
Basic ordering unit (pcs)
Tape width (mm)
24
1000
Marking
Packing code
Unit
Value
Repetitive peak forward current
Total power dissipation
Virtual Junction temperature
VR
IF
IFSM
IFRM
PD
1200
1200
10
45
125
42
lAbsolute maximum ratings (T
vj = 25°C unless otherwise specified)
PW=10ms sinusoidal, Tvj=25°C
PW=10
ms square, T
vj=25°C
Tvj
31
Surge non-
repetitive forward
current
Reverse voltage (repetitive peak)
Reverse voltage (DC)
Continuous forward current
(Tc= 140°C)
A
PW=10ms sinusoidal, Tvj=150°C
4.8
-40 to
+175
160
°C
Range of storage temperature
Tstg
i
2t value
PW=10ms, Tvj=25°C
PW=10ms, Tvj=150°C
∫i2dt
175
A
2s
A
2s
°C
9.0
*2
*3
(1) Cathode
(2) Cathode
(3) Anode
(2)
(3)
(1)
(3)
(1)
(2)
*1
www.rohm.com
© 2024 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
1/8
TSQ50244-SCS210KNHR
8.Mar.2024 - Rev.003
Datasheet


Similar Part No. - SCS210KNHR

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS210KN ROHM-SCS210KN Datasheet
1,020Kb / 10P
SiC Schottky Barrier Diode
27.Sep.2024 - Rev.001
More results

Similar Description - SCS210KNHR

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AGC ROHM-SCS220AGC Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS220AE ROHM-SCS220AE Datasheet
489Kb / 6P
SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
SiC Schottky Barrier Diode
SCS230KE2HR ROHM-SCS230KE2HR Datasheet
794Kb / 8P
Automotive Grade SiC Schottky Barrier Diode
6.May.2022 - Rev.002
SCS240KE2HR ROHM-SCS240KE2HR Datasheet
874Kb / 8P
Automotive Grade SiC Schottky Barrier Diode
6.May.2022 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com