Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS210KNHR Datasheet(PDF) 2 Page - Rohm

Part # SCS210KNHR
Description  Automotive Grade SiC Schottky Barrier Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS210KNHR Datasheet(HTML) 2 Page - Rohm

  SCS210KNHR Datasheet HTML 1Page - Rohm SCS210KNHR Datasheet HTML 2Page - Rohm SCS210KNHR Datasheet HTML 3Page - Rohm SCS210KNHR Datasheet HTML 4Page - Rohm SCS210KNHR Datasheet HTML 5Page - Rohm SCS210KNHR Datasheet HTML 6Page - Rohm SCS210KNHR Datasheet HTML 7Page - Rohm SCS210KNHR Datasheet HTML 8Page - Rohm SCS210KNHR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SCS210KNHR
lElectrical characteristics (T
vj = 25°C unless otherwise specified)
× 10
-3
8.45 × 10
-3
1.89 × 10
0
lTypical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
Reverse current
Total capacitance
Total capacitive charge
14
nC
Ws/K
3.20
Rth2
Cth2
Rth3
Cth3
Rth1
K/W
Cth1
2.14 × 10
-1
6.26 × 10
-1
3.01 × 10
-5
Switching time
tC
VR=800V,di/dt=500A/ms
-
IR
C
QC
VR=1V,f=1MHz
1200 V,Tvj=150°C
VR= 1200 V,Tvj=175°C
Unit
Max.
Min.
Values
-
-
1.6
V
-
V
-
-
-
Typ.
mA
-
130
530
pF
Symbol
VF
-
1.8
10A, Tvj=25°C
IF= 10A, Tvj=150°C
IF= 10A, Tvj=175°C
IF=
1200
VDC
IR =0.2mA
Parameter
Conditions
DC blocking voltage
Forward voltage
mA
V
5
1.9
V
200
-
-
-
1.4
-
-
mA
80
-
VR= 1200 V,Tvj=25°C
VR=
VR=800V,f=1MHz
-
VR=800V,di/dt=500A/ms
-
18
-
-
pF
44
-
ns
lThermal characteristics
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
1.2
K/W
Thermal resistance
RthJC
-
-
0.84
PD
T
j
T
c
T
a
R
th,n
R
th1
C
th1
C
th2
C
th,n
www.rohm.com
© 2024 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
2/8
TSQ50244-SCS210KNHR
8.Mar.2024 - Rev.003
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com