Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS210KNHR Datasheet(PDF) 5 Page - Rohm

Part # SCS210KNHR
Description  Automotive Grade SiC Schottky Barrier Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS210KNHR Datasheet(HTML) 5 Page - Rohm

  SCS210KNHR Datasheet HTML 1Page - Rohm SCS210KNHR Datasheet HTML 2Page - Rohm SCS210KNHR Datasheet HTML 3Page - Rohm SCS210KNHR Datasheet HTML 4Page - Rohm SCS210KNHR Datasheet HTML 5Page - Rohm SCS210KNHR Datasheet HTML 6Page - Rohm SCS210KNHR Datasheet HTML 7Page - Rohm SCS210KNHR Datasheet HTML 8Page - Rohm SCS210KNHR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SCS210KNHR
lElectrical characteristic curves
lSymplified forward characteristic model
-1
-3
-2
-4
-6
× 10
Symbol
W/°C2
b2
× 10
2.06 × 10
1.33
a0
Typical Value
Unit
V
9.93 × 10
-1.27
a1
b0
b1
V/°C
W
W/°C
× 10
3.65
10
100
1000
1.E-5
1.E-4
1.E-3
1.E-2
T
vj=25ºC
Single Pulse
0
2
4
6
8
10
12
0
200
400
600
Fig.9 Surge non-repetitive forward current
vs. Pulse width (Sinusoidal waveform)
Pulse Width : PW [s]
Fig.10 Typical capacitance store energy
Reverse Voltage : V
R
[V]
Forward Voltage : V
F
Fig.11 Equivalent forward current curve
V
th
1/R
diff
V
F = Vth + Rdiff IF
V
th ( Tvj ) = a0 + a1 Tvj
R
diff ( Tvj ) = b0 + b1 Tvj + b2 Tvj
2
T
vj in ºC; -40 ºC < Tvj < 175ºC ; IF < 20 A
www.rohm.com
© 2024 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
5/8
TSQ50244-SCS210KNHR
8.Mar.2024 - Rev.003
Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com