Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2201MFKB Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2201MFKB
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2201MFKB Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLC2201MFKB Datasheet HTML 36Page - Texas Instruments TLC2201MFKB Datasheet HTML 37Page - Texas Instruments TLC2201MFKB Datasheet HTML 38Page - Texas Instruments TLC2201MFKB Datasheet HTML 39Page - Texas Instruments TLC2201MFKB Datasheet HTML 40Page - Texas Instruments TLC2201MFKB Datasheet HTML 41Page - Texas Instruments TLC2201MFKB Datasheet HTML 42Page - Texas Instruments TLC2201MFKB Datasheet HTML 43Page - Texas Instruments TLC2201MFKB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
40
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC2201Y electrical characteristics at VDD± = ±5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC2201Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
100
µV
Input offset voltage long-term drift (see Note 4)
VIC =0
RS =50 Ω
0.001
µV/mo
IIO
Input offset current
VIC = 0,
RS = 50 Ω
0.5
pA
IIB
Input bias current
1
pA
VOH
Maximum high-level output voltage
RL = 10 kΩ
4.8
V
VOL
Maximum low-level output voltage
IO = 0
0
mV
AVD
Large signal differential voltage amplification
VO = 1 V to 4 V, RL = 500 Ω
55
V/mV
AVD
Large-signal differential voltage amplification
VO = 1 V to 4 V, RL = 10 Ω
55
V/mV
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
VO = 0,
110
dB
kSVR
Supply voltage rejection ratio (
∆VDD± /∆VIO)
VDD = 4.6 to 16 V
110
dB
IDD
Supply current per amplifier
VO = 2.5 V,
No load
1
mA
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
TLC2201Y operating characteristics at VDD ± = ± 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC2201Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Positive slew rate at unity gain
VO = ± 0.5 to 2.5 V,
RL = 10 kΩ,
CL = 100 pF
2.5
V/
µs
V
Equivalent input noise voltage
f = 10 Hz
18
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
8
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input noise
f = 0.1 to 1 Hz
0.5
µV
VN(PP)
q
voltage
f = 0.1 to 10 Hz
0.7
µV
In
Equivalent input noise current
0.6
pA/
√Hz
Gain-bandwidth product
f = 10 kHz,
RL = 10 kΩ,
CL = 100 pF
1.8
MHz
φm
Phase margin at unity gain
RL = 10 kΩ,
CL = 100 pF
48
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com