Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2201MFKB Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2201MFKB
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2201MFKB Datasheet(HTML) 50 Page - Texas Instruments

Back Button TLC2201MFKB Datasheet HTML 46Page - Texas Instruments TLC2201MFKB Datasheet HTML 47Page - Texas Instruments TLC2201MFKB Datasheet HTML 48Page - Texas Instruments TLC2201MFKB Datasheet HTML 49Page - Texas Instruments TLC2201MFKB Datasheet HTML 50Page - Texas Instruments TLC2201MFKB Datasheet HTML 51Page - Texas Instruments TLC2201MFKB Datasheet HTML 52Page - Texas Instruments TLC2201MFKB Datasheet HTML 53Page - Texas Instruments TLC2201MFKB Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 29
2
1
0
0
1
234
5
3
4
67
8
SLEW RATE
vs
SUPPLY VOLTAGE
|VDD
±| – Supply Voltage – V
RL = 10 kΩ
CL = 100 pF
TA = 25°C
SR –
SR +
Figure 30
– 75
– 50
– 25
0
25
50
75
100
125
0
1
2
3
TA – Free-Air Temperature – °C
SLEW RATE†
vs
FREE-AIR TEMPERATURE
VDD
± = ±5 V
RL = 10 kΩ
CL = 100 pF
SR +
SR –
4
Figure 31
NOISE VOLTAGE
(REFERRED TO INPUT)
OVER A 10-SECOND INTERVAL
0
–1
0
1
2
3
456
0.25
0.75
t – Time – s
1
78
9
10
0.5
VDD
± = ±5 V
f = 0.1 Hz to 1 Hz
TA= 25°C
– 0.25
– 0.5
– 0.75
Figure 32
0
–1
0.8
0
1
234
56
0.4
0.2
0.6
t – Time – s
1
789
10
NOISE VOLTAGE
(REFERRED TO INPUT)
OVER A 10-SECOND INTERVAL
VDD
± = ±5 V
f = 0.1 Hz to 10 Hz
TA= 25°C
– 0.2
– 0.4
– 0.6
– 0.8
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com