Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2201MFKB Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2201MFKB
Description  Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2201MFKB Datasheet(HTML) 42 Page - Texas Instruments

Back Button TLC2201MFKB Datasheet HTML 38Page - Texas Instruments TLC2201MFKB Datasheet HTML 39Page - Texas Instruments TLC2201MFKB Datasheet HTML 40Page - Texas Instruments TLC2201MFKB Datasheet HTML 41Page - Texas Instruments TLC2201MFKB Datasheet HTML 42Page - Texas Instruments TLC2201MFKB Datasheet HTML 43Page - Texas Instruments TLC2201MFKB Datasheet HTML 44Page - Texas Instruments TLC2201MFKB Datasheet HTML 45Page - Texas Instruments TLC2201MFKB Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
TLC220x, TLC220xA, TLC220xB, TLC220xY
Advanced LinCMOS
™ LOW-NOISE PRECISION
OPERATIONAL AMPLIFIERS
SLOS175 – FEBRUARY 1997
42
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 1. Noise-Voltage Test Circuit
2 k
Ω
VDD +
VDD – /GND
VO
20
Ω
20
Ω
–
+
Figure 2. Phase-Margin Test Circuit
10 k
Ω
VDD +
VDD –
VO
100
Ω
–
+
VI
CL
RL
(see Note A)
NOTE A: CL includes fixture capacitance.
Figure 3. Slew-Rate Test Circuit
VDD +
VDD –
VO
–
+
CL
RL
(see Note A)
VI
NOTE A: CL includes fixture capacitance.
Figure 4. Input-Bias and Offset-Current Test Circuit
VDD +
VDD – /GND
VO
–
+
Ground Shield
pA
pA
typical values
Typical values presented in this data sheet represent the median (50% point) of device parametric performance.
input bias and offset current
At the picoamp bias current level of the TLC220x, TLC220xA, and TLC220xB, accurate measurement of the
bias current becomes difficult. Not only does this measurement require a picoammeter, but test socket leakages
can easily exceed the actual device bias currents. To measure these small currents, Texas Instruments uses
a two-step process. The socket leakage is measured using picoammeters with bias voltages applied but with
no device in the socket. The device is then inserted in the socket, and a second test measuring both the socket
leakage and the device input bias current is performed. The two measurements are then subtracted
algebraically to determine the bias current of the device.
noise
Texas Instruments offers automated production noise testing to meet individual application requirements. Noise
voltage at f = 10 Hz and f = 1 kHz is 100% tested on every TLC2201B device, while lot sample testing is
performed on the TLC220xA. For other noise requirements, please contact the factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com