Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1010CT Datasheet(PDF) 11 Page - Linear Technology

Part # LT1010CT
Description  Fast 짹150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010CT Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1010CT Datasheet HTML 7Page - Linear Technology LT1010CT Datasheet HTML 8Page - Linear Technology LT1010CT Datasheet HTML 9Page - Linear Technology LT1010CT Datasheet HTML 10Page - Linear Technology LT1010CT Datasheet HTML 11Page - Linear Technology LT1010CT Datasheet HTML 12Page - Linear Technology LT1010CT Datasheet HTML 13Page - Linear Technology LT1010CT Datasheet HTML 14Page - Linear Technology LT1010CT Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1010
1010fc
APPLICATIO S I FOR ATIO
current boost. The appearance is always worse with fast
rise signal generators than in practical applications.
Track and Hold
The 5MHz track and hold shown here has a 400kHz power
bandwidth driving
±10V. A buffered input follower drives
the hold capacitor, C4, through Q1, a low resistance FET
switch. The positive hold command is supplied by TTL
logic with Q3 level shifting to the switch driver, Q2. The
output is buffered by A3.
When the gate is driven to V – for HOLD, it pulls charge out
of the hold capacitor. A compensating charge is put into
the hold capacitor through C3. The step into hold is made
independent of the input level with R7 and adjusted to zero
with R10.
Since internal dissipation can be quite high when driving
fast signals into a capacitive load, using a buffer in a power
package is recommended. Raising buffer quiescent cur-
rent to 40mA with R3 improves frequency response.
This circuit is equally useful as a fast acquisition sample
and hold. An LT1056 might be used for A3 to reduce drift
in hold because its lower slew rate is not usually a problem
in this application.
Current Sources
A standard op amp voltage to current converter with a
buffer to increase output current is shown here. As usual,
A3
LT1010
A2
LT1010
R2
200
Ω
R1
50
Ω
R3
800
Ω
R4
39
Ω
R5
39
Ω
C1
20pF
INPUT
1010 AI11
OUTPUT 1
OUTPUT 2
–
+
A1
HA2625
OTHER
SLAVES
The 50
Ω video line splitter here puts feedback on one
buffer with the others slaved. Offset and gain accuracy of
slaves depend on their matching with master.
When driving long cables, including a resistor in series
with the output should be considered. Although it reduces
gain, it does isolate the feedback amplifier from the effects
of unterminated lines which present a resonant load.
When working with wideband amplifiers, special atten-
tion should
always be paid to supply bypassing, stray
capacitance and keeping leads short. Direct grounding of
test probes, rather than the usual ground lead, is abso-
lutely necessary for reasonable results.
The LT1010 has slew limitations that are not obvious from
standard specifications. Negative slew is subject to
glitching, but this can be minimized with quiescent
A2
LT1010
–
+
A3
LT118A
A4
LT118A
C1
50pF
C2
150pF
HOLD
R2
2k
D1
HP2810
Q3
2N2907
V–
Q1
2N5432
SD
R4
2k
Q2
2N2222
R8
5k
R9
10k
D2*
6V
*2N2369 EMITTER BASE JUNCTION
OUTPUT
R10
50k
R5
1k
R6
1k
C4
1nF
C3
100pF
C5
10pF
R1
2k
R3
20
Ω
INPUT
V+
–
+
A1
LT118A
R11
6.2k
1010 AI12
R7
200k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com