Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1010CT Datasheet(PDF) 2 Page - Linear Technology

Part # LT1010CT
Description  Fast 짹150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010CT Datasheet(HTML) 2 Page - Linear Technology

  LT1010CT Datasheet HTML 1Page - Linear Technology LT1010CT Datasheet HTML 2Page - Linear Technology LT1010CT Datasheet HTML 3Page - Linear Technology LT1010CT Datasheet HTML 4Page - Linear Technology LT1010CT Datasheet HTML 5Page - Linear Technology LT1010CT Datasheet HTML 6Page - Linear Technology LT1010CT Datasheet HTML 7Page - Linear Technology LT1010CT Datasheet HTML 8Page - Linear Technology LT1010CT Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1010
1010fc
(Note 1)
Total Supply Voltage ..............................................
±22V
Continuous Output Current ..............................
±150mA
Input Current (Note 3) .......................................
±40mA
Operating Junction Temperature Range
LT1010C ............................................... 0
°C to 100°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
100% Thermal Limit Burn In–LT1010CT
ORDER PART
NUMBER
LT1010CN8
LT1010CT
1
2
3
4
8
7
6
5
TOP VIEW
V+
BIAS
OUT
NC
INPUT
NC
V –
NC
N8 PACKAGE
8-LEAD PDIP
TJMAX = 100°C, θJC = 45°C/W, θJA = 100°C/W
T PACKAGE
5-LEAD PLASTIC TO-220
OUTPUT
BIAS
V– (TAB)
V+
INPUT
FRONT VIEW
5
4
3
2
1
V–
TJMAX = 125°C, θJC = 3°C/W, θJA = 50°C/W
PRECO DITIO I G
SYMBOL
PARAMETER
CONDITIONS (Note 4)
MIN
TYP
MAX
UNITS
VOS
Output Offset Voltage
(Note 4)
0
150
mV
●
–20
220
mV
VS = ±15V, VIN = 0V
20
100
mV
IB
Input Bias Current
IOUT = 0mA
0
250
µA
IOUT ≤ 150mA
0
500
µA
●
0
800
µA
AV
Large-Signal Voltage Gain
●
0.995
1.00
V/V
ROUT
Output Resistance
IOUT = ±1mA
5
10
Ω
IOUT = ±150mA
5
10
Ω
●
12
Ω
Slew Rate
VS = ±15V, VIN = ±10V,
75
V/
µs
VOUT = ±8V, RL = 100Ω
ELECTRICAL CHARACTERISTICS The ● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (See Note 4. Typical values in curves.)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
V+
BIAS
OUT
NC
INPUT
NC
V–
NC
TJMAX = 100°C, θJC = 3°C/W, θJA = 40°C/W
EXPOSED PAD (PIN 9) V– CAN BE SOLDERED TO PCB
TO REDUCE THERMAL RESISTANCE (NOTE 7)
DD PART
MARKING
LT1010CDD
LBWZ
ORDER PART
NUMBER
ORDER PART
NUMBER
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com