Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1010CT Datasheet(PDF) 13 Page - Linear Technology

Part # LT1010CT
Description  Fast 짹150mA Power Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1010CT Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1010CT Datasheet HTML 9Page - Linear Technology LT1010CT Datasheet HTML 10Page - Linear Technology LT1010CT Datasheet HTML 11Page - Linear Technology LT1010CT Datasheet HTML 12Page - Linear Technology LT1010CT Datasheet HTML 13Page - Linear Technology LT1010CT Datasheet HTML 14Page - Linear Technology LT1010CT Datasheet HTML 15Page - Linear Technology LT1010CT Datasheet HTML 16Page - Linear Technology LT1010CT Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LT1010
1010fc
High Current Booster
The circuit below uses a discrete stage to get 3A output
capacity. The configuration shown provides a clean, quick
way to increase LT1010 output power. It is useful for high
current loads such as linear actuator coils in disk drives.
The 33
Ω resistors sense the LT1010’s supply current
with the grounded 100
Ω resistor supplying a load for the
LT1010. The voltage drop across the 33
Ω resistors
biases Q1 and Q2. Another 100
Ω value closes a local
feedback loop, stabilizing the output stage. Feedback to
the LT1056 control amplifier is via the 10k value. Q3 and
Q4, sensing across the 0.18
Ω units, furnish current
limiting at about 3.3A.
APPLICATIO S I FOR ATIO
signal. The amplified difference between these signals is
used to set Q2’s bias, and hence, Q1’s channel current.
This forces Q1’s VGS to whatever voltage is required to
match the circuit’s input and output potentials. The 2000pF
capacitor at A1 provides stable loop compensation. The
RC network in A1’s output prevents it from seeing high
speed edges coupled through Q2’s collector-base junc-
tion. A2’s output is also fed back to the shield around Q1’s
gate lead, bootstrapping the circuit’s effective input ca-
pacitance down to less than 1pF.
Gain-Trimmable Wideband FET Amplifier
A potential difficulty with the previous circuit is that the
gain is not quite unity. The figure labeled A on the next
page maintains high speed and low bias while achieving
a true unity-gain transfer function.
This circuit is somewhat similar except that the Q2-Q3
stage takes gain. A2 DC stabilizes the input-output path
and A1 provides drive capability. Feedback is to Q2’s
emitter from A1’s output. The 1k adjustment allows the
gain to be precisely set to unity. With the LT1010, output
stage slew and full power bandwidth (1VP-P) are 100V/µs
and 10MHz respectively. – 3dB bandwidth exceeds 35MHz.
At A = 10 (e.g., 1k adjustment set at 50
Ω), full power
bandwidth stays at 10MHz while the –3dB point falls to
22MHz.
With the optional discrete stage, slew exceeds 1000V/
µs
and full power bandwidth (1VP-P) is 18MHz. – 3dB band-
width is 58MHz. At A = 10, full power is available to
10MHz, with the – 3dB point at 36MHz.
LT1010
100
Ω
33
Ω
–15V
33
Ω
10k
22
µF
15V
100
Ω
1k
0.18
Ω
1k
0.18
Ω
Q1
MJE2955
Q2
MJE3055
OUTPUT
1010 AI17
Q4
2N3904
Q3
2N3906
–
+
LT1056
10k
68pF
INPUT
+
22
µF
HEAT SINK OUTPUT TRANSISTORS
15pF
A2
LT1010
1k
10k
–5V
5V
3
B
A
OUTPUT
6
4
–5V
5V
7
0.1
µF
2
Q2
2N2222
INPUT
Q1
2N5486
2000pF
0.1
µF
1010 AI18
0.01
µF
10M
100
Ω
A1
LTC1050
10M
Wideband FET Input Stabilized Buffer
The figure below shows a highly stable unity-gain buffer
with good speed and high input impedance. Q1 and Q2
constitute a simple, high speed FET input buffer. Q1
functions as a source follower with the Q2 current source
load setting the drain-source channel current. The LT1010
buffer provides output drive capability for cables or
whatever load is required. Normally, this open-loop con-
figuration would be quite drifty because there is no DC
feedback. The LTC
®1050 contributes this function to
stabilize the circuit. It does this by comparing the filtered
circuit output to a similarly filtered version of the input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com