Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1102 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1102
Description  High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1102 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1102 Datasheet HTML 4Page - Linear Technology LT1102 Datasheet HTML 5Page - Linear Technology LT1102 Datasheet HTML 6Page - Linear Technology LT1102 Datasheet HTML 7Page - Linear Technology LT1102 Datasheet HTML 8Page - Linear Technology LT1102 Datasheet HTML 9Page - Linear Technology LT1102 Datasheet HTML 10Page - Linear Technology LT1102 Datasheet HTML 11Page - Linear Technology LT1102 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT1102
8
1102fb
In the two op amp instrumentation amplifier configura-
tion, the first amplifier is basically in unity gain, and the
second amplifier provides all the voltage gain. In the
LT1102, the second amplifier is decompensated for gain
of 10 stability, therefore high slew rate and bandwidth are
achieved. Common mode rejection versus frequency
is also optimized in the G = 10 mode, because the
bandwidths of the two op amps are similar. When G = 100,
this statement is no longer true; however, by connecting
an 18pF capacitor between pins 1 and 2, a common mode
AC gain is created to cancel the inherent roll-off. From
200Hz to 30kHz, CMRR versus frequency is improved by
an order of magnitude.
Input Protection
Instrumentation amplifiers are often used in harsh
environments where overload conditions can occur.
The LT1102 employs FET input transistors, consequently
the differential input voltage can be
±30V (with ±15V
supplies,
±36V with ±18V supplies). Some competitive
instrumentation amplifiers have NPN inputs which are
protected by back-to-back diodes. When the differential
input Voltage exceeds
±13Vonthesecompetitivedevices,
input current increases to milliampere level; more than
±10V differential voltage can cause permanent damage.
When the LT1102 inputs are pulled below the negative
supply or above the positive supply, the inputs will clamp
a diode voltage below or above the supplies. No damage
will occur if the input current is limited to 20mA.
Common Mode Rejection Ratio
vs Frequency
Gains Between 10 and 100
Gains between 10 and 100 can be achieved by connecting
two equal resistors (= RX) between pins 1 and 2 and pins
7 and 8.
The nominal value of R is 1.84k
Ω. The usefulness of this
method is limited by the fact that R is not controlled to
better than
±10% absolute accuracy in production.
However, on any specific unit, 90R can be measured
between Pins 1 and 2.
APPLICATIO S I FOR ATIO
Gain = 10 +
RX
R + RX/90
FREQUENCY (Hz)
1
0
20
40
60
80
120
10
100
1k
10k
100k
1M
100
LT1102 • AI01
VS = ±15V
TA = 25°C
G = 100
18pF PIN 1
TO PIN 2
G = 10
G = 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com