Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1102 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1102
Description  High Speed, Precision, JFET Input Instrumentation Amplifier (Fixed Gain = 10 or 100)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1102 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1102 Datasheet HTML 4Page - Linear Technology LT1102 Datasheet HTML 5Page - Linear Technology LT1102 Datasheet HTML 6Page - Linear Technology LT1102 Datasheet HTML 7Page - Linear Technology LT1102 Datasheet HTML 8Page - Linear Technology LT1102 Datasheet HTML 9Page - Linear Technology LT1102 Datasheet HTML 10Page - Linear Technology LT1102 Datasheet HTML 11Page - Linear Technology LT1102 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT1102
9
1102fb
Gain = 20, 110, or 200 Instrumentation Amplifiers
Differential Output
Multiplexed Input Data Acquisition
Single Ended Output
Voltage Programmable Current Source is Simple and Precise
Dynamic Response of the Current Source
APPLICATIO S I FOR ATIO
LT1102 • AI03
OUTPUT
AO
A1
DECODER
EN
509 OR
EQUIVALENT
S1A
4 CHANNELS
OF
DIFFERENTIAL
INPUT
S4A
S1B
S4B
–
+
LT1102
DA
800kHz SIGNALS CAN BE MULTIPLEXED WITH LT1102 IN G = 10
DB
HORIZ. = 20
μs/DIV
A = 5V/DIV
FPOLT1102 • AI05
B = 5mA/DIV
–
+
LT1102 • AI04
LT1006
–
+
LT1102
A = 100
0.05
μF
10k
LOAD
0
±10V
IK
VIN
IK =
VIN
R • 100
R
10
Ω*
LT1102 • AI02
8
6
3
8
1
6
3
OUT
–
+
IN
GAIN = 200, AS SHOWN
GAIN = 20, SHORT PIN 1 TO PIN 2, PIN 7 TO PIN 8 ON BOTH DEVICES
GAIN = 110, SHORT PIN 1 TO PIN 2, PIN 7 TO PIN 8 ON ONE DEVICE,
NOT ON THE OTHER
INPUT REFERRED NOISE IS REDUCED BY
√2 (G = 200 OR 20)
–
+
LT1102
–
+
LT1102
8
1
1
6
3
8
1
6
3
–
+
LT1102
–
+
IN
–
+
OUT
–
+
LT1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com